Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2011SB1G06 Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2011SB1G06
Description  Miniature Pushbuttons
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2011SB1G06 Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button MB2011SB1G06 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SB1G06 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SB1G06 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SB1G06 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SB1G06 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SB1G06 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SB1G06 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SB1G06 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. MB2011SB1G06 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Large Bushing Miniature Pushbuttons
Series MB2000
HARDWARE
Standard Hardware for B3 Bushing
Standard Hardware for B1 Bushing
AT401P
O-ring
Material:
Natural rubber
AT503M
Hex Face Nut
Material:
Brass with Chrome plating
(16.0)
.630
(2.4)
.094
(14.0)
.551
M12 P1
(12.1)
.476
(15.8) Dia
.622
(13.8) Dia
.543
(0.5)
.020
(1.0)
.039
(14.0)
.551
M12 P1
(16.0)
.630
(2.0)
.079
(2.8)
.110
(11.5)
.453
(18.2) Dia
.717
(12.1) Dia
.476
(1.0)
.039
(2.8)
.110
(9.5)
.374
Optional Splashproof Boot for B1 Bushing
AT4043
Splashproof Boot
Material: Silicone Rubber
Operating Life: 10,000 for momentary
30,000 for alternate action
When using a splashproof boot, no cap is required.
(14.0)
.551
M12 P1
(16.0)
.630
(2.4)
.094
(12.1) Dia
.476
(17.5) Dia
.689
(1.5)
.059
(9.0)
.354
(10.7)
.421
(18.0) Dia
.709
(12.6) Dia
.496
(9.6) Dia
.378
(4.0) Max
.157
(3.5) Min
.138
M12 P1
AT527M
Hex Nut
Material:
Steel with Nickel plating
AT508
Lockwasher
Material:
Steel with Zinc/Chromate
AT506M
Locking Ring
Material:
Steel with Zinc/Chromate
AT503M
Hex Face Nut
Material:
Brass with Chrome plating



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com