Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST6301K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SST6301K
Description  N-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SST6301K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SST6301K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SST6301K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SST6301K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SST6301K Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SST6301K
640mA, 30V,RDS(ON) 1.0
N-Channel Enhancement Mode Power Mos.FET
Absolute Maximum Ratings
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
,VGS@10V
Continuous Drain Current
,VGS@10V
Pulsed Drain Current
Ω
Total Power Dissipation
Linear Derating Factor
Operating Junction and Storage Temperature Range
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-ambient (Max)
mA
V
V
mA
30
16
950
640
500
1.2
01
mA
ID@TA=70
/W
C
W / C
C
W
VDS
VGS
ID@TA=25
IDM
PD@TA=25
Tj, Tstg
Rthj-a
±
0.
110
-55~+150
3
3
3
1,2
o
o
o
C
o
C
o
C
o
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Parameter
Symbol
Ratings
Unit
01-Jun-2002 Rev. A
Page 1 of
4
0.25
Dimensions in millimeters
2.60
3.00
0.95 Ref.
0.3
0
0.55
2.70
3.
10
0
0~0.1
1.20Ref.
0.37Ref.
0.20
1.40
1.80
0.
60 Ref.
o
10
o
SOT-26
G1
S2
G2
D1
S1
D2
301E
Date Code
1
5
2
3
4
6
Description
The SST6301K utiltzed advance processing techniques to achieve the lowest
* Simple Drive Requirement
The SST6301K is universally used for all commercial-industrial applications.
possible on-resistance, extermely efficient and cost-effectiveness device.
Features
* RoHS Compliant
* Small Package Outline
D1
G1
S1
D2
S2
G2


Similar Part No. - SST6301K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SST6318-C SECOS-SST6318-C Datasheet
492Kb / 4P
Dual N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SST6301K

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SGM161 SECOS-SGM161 Datasheet
546Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SGM2306 SECOS-SGM2306 Datasheet
486Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2308 SECOS-SGM2308 Datasheet
379Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SGM2310 SECOS-SGM2310 Datasheet
508Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SID01L60 SECOS-SID01L60 Datasheet
710Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG138K SECOS-SMG138K Datasheet
307Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2300 SECOS-SMG2300 Datasheet
472Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG2304 SECOS-SMG2304 Datasheet
454Kb / 5P
N-Channel Enhancement Mode Power Mos.FET
SMG2304A SECOS-SMG2304A Datasheet
455Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
SMG3018K SECOS-SMG3018K Datasheet
719Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com