Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STT2603 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT2603
Description  P-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT2603 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT2603 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT2603 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT2603 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT2603 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
STT2603
-5
A, -20V,RDS(ON) 65m
P-Channel Enhancement Mode Power Mos.FET
Absolute Maximum Ratings
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current (Note 3)
Continuous Drain Current (Note 3)
Pulsed Drain Current (Note 1,2)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
The S
RoHS Compliant Product
TT2603
Ω
Description
utilized advanced processing techniques to achieve the lowest
possible on-resistance, extremely efficient and cost-effectiveness device.
Features
* Small package outline
* Simple drive requirement
Total Power Dissipation
Linear Derating Factor
Operating Junction and Storage Temperature Range
industrial surface
mount application .
The STT2603 is universally used for all commercial
Parameter
Symbol
Ratings
Unit
Thermal Data
Parameter
Symbol
Ratings
Unit
Thermal Resistance Junction-ambient (Note 3) (Max)
A
V
V
A
A
ID@TA=70
/W
C
W / C
C
W
VDS
VGS
ID@TA=25
IDM
PD@TA=25
Tj, Tstg
Rthj-a
-20
±
12
-20
-5
-4
2
0.016
-55~+150
62.5
S
D
2603
Date Code
1
5
2
3
4
6
01-Jun-2002 Rev. A
Page 1 of 4
D
D
D
G
S
G
D
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.10 MAX.
L
0.45 REF.
A1
0
0.10
L1
0.60 REF.
A2
0.70
1.00
0°
10°
c
0.12 REF.
b
0.30
0.50
D
2.70
3.10
e
0.95 REF.
E
2.60
3.00
e1
1.90 REF.
E1
1.40
1.80


Similar Part No. - STT2603

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT2602 SECOS-STT2602 Datasheet
620Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
logo
VBsemi Electronics Co.,...
STT2602 VBSEMI-STT2602 Datasheet
481Kb / 9P
N-Channel 30 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
STT2604 SECOS-STT2604 Datasheet
734Kb / 4P
N-Channel Enhancement Mode Power Mos.FET
logo
VBsemi Electronics Co.,...
STT2604 VBSEMI-STT2604 Datasheet
491Kb / 9P
N-Channel 30 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
STT2605 SECOS-STT2605 Datasheet
595Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
More results

Similar Description - STT2603

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSG9435 ETC2-SSG9435 Datasheet
306Kb / 5P
P-Channel Enhancement Mode Power Mos.FET
logo
SeCoS Halbleitertechnol...
SGM2501 SECOS-SGM2501 Datasheet
420Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SID3403 SECOS-SID3403 Datasheet
781Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SMG2305A SECOS-SMG2305A Datasheet
349Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSG4957 SECOS-SSG4957 Datasheet
429Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSG9563 SECOS-SSG9563 Datasheet
500Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSM9563 SECOS-SSM9563 Datasheet
1Mb / 4P
P-Channel Enhancement Mode Power Mos.FET
SMS0610 SECOS-SMS0610 Datasheet
279Kb / 5P
P-Channel Enhancement Mode Power Mos.FET
SSD9435 SECOS-SSD9435_15 Datasheet
832Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
SSG9575 SECOS-SSG9575_15 Datasheet
238Kb / 4P
P-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com