Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STT3455 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3455
Description  P-Channel Enhancement Mode Power Mos.FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3455 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  STT3455 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3455 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STT3455 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STT3455 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
STT3455
-4.0A, -30V,RDS(ON) 100m
P-Channel Enhancement Mode Power Mos.FET
IDSS
Crss
Qg
Qgs
Qgd
Td(ON)
Td(Off)
Tr
Ciss
Coss
Tf
-30
-0.02
-1.0
-
3.0
100
-1
-25
100
170
5.5
1
2.6
7
6
18
4
640
90
30
±
V
V/
V
nA
uA
uA
m
nC
nS
pF
Ω
VGS=0V
VDS=-25V
f=1.0MHz
VDD=-15V
ID=-1A
VGS=-10V
RG=3.3
RD=15
Ω
Ω
ID=-4.0A
VDS=-24V
VGS=-4.5V
VGS=-10V, ID=-3.5A
VGS=-4.5V, ID=-2.7A
VGS=0V, ID=-250uA
VGS= 20V
±
VDS=-30V,VGS=0
VDS=-24V,VGS=0
VDS=VGS, ID=-250uA
Reference to 25 ,ID=-1mA
_
_
_
_
_
_
_
_
_
_
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Forward On Voltage
VDS
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
_
IS=-1.6A, VGS=0V.
V
-1.2
Notes: 1.Pulse width limited by safe operating area.
Forward Transconductance
Gfs
S
6
VDS=-5V, ID=-4.0A
_
_
_
400
8.8
Electrical Characteristics( Tj=25 C Unless otherwise specified)
Total Gate Charge
RDS(ON)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coefficient
Gate Threshold Voltage
Gate-Source Leakage Current
Drain-Source Leakage Current (Tj=25 )
Static Drain-Source On-Resistance
Drain-Source Leakage Current (Tj=55 )
Gate-Source Charge
Gate-Drain ("Miller") Charge
Turn-on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
BVDSS
BVDS/ Tj
VGS(th)
IGSS
2
Reverse Recovery Time
Reverse Recovery Charge
Is=-4.0A, VGS=0V
_
_
_
_
Trr
Qrr
nC
nS
21
14
_
dl/dt=100A/us
o
C
o
C
o
C
o
C
o
2
2
2
2
Source-Drain Diode
2.P ulse width 300us, dutycycle 2%.
≦
≦
Ω
01-Jun-2002 Rev. A
Page
2 of 4
3.Surface mounted on 1 in2 copper pad of FR4 board; 156OC/W when mounted on Min. copper pad.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com