Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS367 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 1SS367
Description  SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1SS367 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1SS367 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1SS367 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 1SS367 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 01/09/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
1SS367
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
Features
• Low forward voltage
Applications
• High Speed Switching
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Maximum (Peak) Reverse Voltage
VRM
15
V
Reverse Voltage
VR
10
V
Average Forward Current
IO
100
mA
Maximum (Peak) Forward Current
IFM
200
mA
Surge Current (10 ms)
IFSM
1
A
Power Dissipation
Ptot
200
mW
Junction Temperature
TJ
125
O
C
Operating Temperature Range
Topr
- 40 to + 100
O
C
Storage Temperature Range
Ts
- 55 to + 125
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Forward Voltage
at IF = 5 mA
at IF = 100 mA
VF
0.3
0.5
V
Reverse Current
at VR = 10 V
IR
20
µA
Total Capacitance
at f = 1 MHz
CT
40
pF
Anode
2
Top View
Marking Code: "S3"
Simplified outline SOD-323 and symbol
1
S3
2
PINNING
1
PIN
Cathode
DESCRIPTION


Similar Part No. - 1SS367

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS367 TOSHIBA-1SS367 Datasheet
122Kb / 2P
DIODE (HIGH SPEED SWITCHING APPLICATION)
1SS367 TOSHIBA-1SS367 Datasheet
215Kb / 3P
High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS367 KEXIN-1SS367 Datasheet
32Kb / 1P
HIGH SPEED SWITCHING APPLICATION
logo
Shenzhen Ping Sheng Ele...
1SS367 PFS-1SS367 Datasheet
215Kb / 3P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Toshiba Semiconductor
1SS367 TOSHIBA-1SS367_07 Datasheet
215Kb / 3P
High Speed Switching Application
More results

Similar Description - 1SS367

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1SS404WS SEMTECH_ELEC-1SS404WS Datasheet
172Kb / 3P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
1SS321 SEMTECH_ELEC-1SS321 Datasheet
130Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
1SS373WT SEMTECH_ELEC-1SS373WT Datasheet
130Kb / 1P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Toshiba Semiconductor
CBS10S30 TOSHIBA-CBS10S30 Datasheet
140Kb / 6P
Schottky Barrier Diode Silicon Epitaxial
logo
Zibo Seno Electronic En...
1SS388 ZSELEC-1SS388 Datasheet
204Kb / 3P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Toshiba Semiconductor
CTS05S40 TOSHIBA-CTS05S40 Datasheet
159Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
CUHS15F60 TOSHIBA-CUHS15F60 Datasheet
249Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
CUHS15S60 TOSHIBA-CUHS15S60 Datasheet
249Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
CUHS20F30 TOSHIBA-CUHS20F30 Datasheet
253Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
CUHS20S30 TOSHIBA-CUHS20S30 Datasheet
252Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com