Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431K Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # TL431K
Description  Adjustable Shunt Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

TL431K Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  TL431K Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH TL431K Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH TL431K Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
TL431K
Adjustable Shunt Regulator
Description
The TL431K series are three-terminal adjustable regulators
with guaranteed thermal stability over applicable temperature
ranges. The output voltage may be set to any value between
VREF (approximately 2.495V) and 36V with two extermal
resistors. In provides very wide applications, including shunt
regulator, series regulator, switching regulator, voltage
reference and others.
Total Power Dissipation
Operating Junction and Storage Temperature Range
Parameter
Absolute Maximum Ratings at Ta=25 C
Cathode Voltage
Cathode Current Range (Continuous)
Reference Input Current Range
Symbol
Ratings
Unit
V
mA
mA
C
mW
VKA
IKA
IREF
PD
Tj, Tstg
37
-100~+150
-0.05~+10
225
-65~+150
o
o
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
Dim
Min
Max
A
2.70
3.10
B
1.40
1.60
C
1.00
1.30
D
0.35
0.50
G
1.70
2.10
H
0.00
0.10
J
0.10
0.26
K
0.20
0.60
L
0.85
1.15
S
2.40
2.80
All Dimension in mm
SC-59
S
G
D
B
L
A
Top View
H
C
J
K
01-Jun-2002 Rev. B
Page 1 of 3
Characteristics at Ta=25 C
Parameter
Symbol
Max.
Typ.
Test Condition
Min.
Unit
Cathode Voltage
Cathode Current
Reference Input Voltage
TL431KC
TL431KB
TL431KA
Deviation of Reference Input Voltage
Over Temperature (Note)
Reference Input Current
Ratio of Change in Reference Input
Voltage to The Change in Cathode Voltage
VKA
IKA
VREF
VREF/
IKA(min)
IREF
VREF
100
36
2.445
2.470
17
-2.7
1.0
1.2
0.45
V
V
mV
uA
mA
Ω
Ω
VKA=VREF,IK=10mA
TMIN
VKA=VREF,IK=10mA
_
_
1
_
0.4
_
-1.0
_
_
1.0
2.545
2.520
o
mA
2.495
2.495
2.483
2.495
2.507
T
4.5
TA TMAX
Deviation of Reference Input Current
Over Full Temperature Range
Min. Cathode Current For Regulation
Off-State Cathode Current
Dynamic Impedance
VREF/ VKA
IREF/ T
IKA(off)
IZKAl
-2
-0.5
_
4
1.5
0.05
0.15
0.5
_
_
_
uA
uA
mV/V
IK=10mA
VKA=10V~VREF
VKA=36V~10V
IK=10mA,R1=10K ,R2=
Ω
IK=10mA,R1=10K ,R2=
TA=Full Temperature
VKA=VREF
VKA=36V,VREF=0
VKA=VREF,IK=1~100mA,
F 1KHz
Note: TMIN=0 C, TMAX=+70 C
o
o
∞
∞
≤
≤
≤


Similar Part No. - TL431K

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
TL431K KEXIN-TL431K Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
logo
Micro Commercial Compon...
TL431K MCC-TL431K Datasheet
463Kb / 6P
Programmable Precision Regulator
logo
Guangdong Kexin Industr...
TL431K-3 KEXIN-TL431K-3 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-8 KEXIN-TL431K-8 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
More results

Similar Description - TL431K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
Adjustable Shunt Regulator
AX432 ETC-AX432 Datasheet
176Kb / 7P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
Adjustable shunt regulator
logo
List of Unclassifed Man...
GM432 ETC2-GM432 Datasheet
317Kb / 5P
Adjustable Shunt Regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
Adjustable shunt regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
Adjustable shunt regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com