Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDK1303 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # CDK1303
Description  8-bit, 1 GSPS, Flash A/D Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1303 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  CDK1303 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK1303 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK1303 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1303 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1303 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1303 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1303 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1303 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1303 Datasheet HTML 9Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
5
Data Sheet
Electrical Characteristics
(TJ = TC = TA = +25°C , VEE = -5.2V, VRB = -2.0V, VRM = -1.0V, VRT = 0.00V, ƒCLK = 1GHz, Duty Cycle=50%,
unless otherwise specified)
cDK1303a
cDK1303B
symbol
parameter
conditions
Min
typ
Max
Min
typ
Max
units
Dynamic Inputs
Input High Voltage(1)
CLK, CLK
-1.1
-0.7
-1.1
-0.7
V
Input Low Voltage(1)
CLK, CLK
-1.8
-1.5
-1.8
-1.5
V
tPWH
Clock Pulse Width High(1)
0.5
0.4
0.5
0.4
ns
tPWL
Clock Pulse Width Low(1)
0.5
0.4
0.5
0.4
ns
Digital Outputs
Logic 1 Voltage(1)
-1.1
-0.9
-1.1
-0.9
V
Logic 0 Voltage(1)
-1.8
-1.5
-1.8
-1.5
V
Rise Time
20% to 80%
450
450
ps
Fall Time
20% to 80%
450
450
ps
Power Supply Requirements
VEE
Voltage Range(2)
-4.95
-5.2
-5.45
-4.95
-5.2
-5.45
V
IEE
Current(1)
VIN = 0V
1.05
1.2
1.05
1.2
A
Power Dissipation(1)
5.5
6.25
5.5
6.25
W
notes:
1. 100% production tested at +25°C.
2. Parameter is guaranteed (but not tested) by design and characterization data.
3. Typical Thermal Impedance:
θJC = +4°C/W.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com