Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDK1306CSO28_Q Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # CDK1306CSO28_Q
Description  10-bit, 40 MSPS 160mW A/D Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1306CSO28_Q Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button CDK1306CSO28_Q Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK1306CSO28_Q Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK1306CSO28_Q Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK1306CSO28_Q Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1306CSO28_Q Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1306CSO28_Q Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1306CSO28_Q Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK1306CSO28_Q Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK1306CSO28_Q Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
For additional information regarding our products, please visit CADEKA at: cadeka.com
CADEKA, the CADEKA logo design, COMLINEAR and the COMLINEAR logo design are trademarks or registered trademarks of CADEKA
Microcircuits LLC. All other brand and product names may be trademarks of their respective companies.
CADEKA reserves the right to make changes to any products and services herein at any time without notice. CADEKA does not assume any
responsibility or liability arising out of the application or use of any product or service described herein, except as expressly agreed to in
writing by CADEKA; nor does the purchase, lease, or use of a product or service from CADEKA convey a license under any patent rights,
copyrights, trademark rights, or any other of the intellectual property rights of CADEKA or of third parties.
Copyright ©2008 by CADEKA Microcircuits LLC. All rights reserved.
caDeKa Headquarters Loveland, Colorado
T: 970.663.5452
T: 877.663.5452 (toll free)
Data Sheet
Amplify the Human Experience
Mechanical Dimensions
SOIC-28 Package
TQFP-32 Package
A
B
C D
E
F
J
K
L
G
I
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.346
0.362
8.80
9.20
B
0.272
0.280
6.90
7.10
C
0.346
0.362
8.80
9.20
D
0.272
0.280
6.90
7.10
E
0.031 Typ
0.80 BSC
F
0.012
0.016
0.30
0.40
G
0.053
0.057
1.35
1.45
H
0.002
0.006
0.05
0.15
I
0.037
0.041
0.95
1.05
J
0.007
0.17
K
7°
0°
0°
7°
L
0.020
0.030
0.50
0.75
H
I
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
0.699
0.709
17.75
18.01
B
0.005
0.011
0.13
0.28
C
D
E
0.050 Typ
1.27 BSC
0.018 Typ
0.46 BSC
F
0.090
G
0.031
0.039
0.79
0.99
0.0077
0.0083
0.20
0.21
0.096
2.29
2.44
H
0.396
0.416
10.06
10.57
I
0.286
0.292
7.26
7.42
F
A
B
C
D
E
G
H
I
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com