Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDK2307 Datasheet(PDF) 15 Page - Cadeka Microcircuits LLC.

Part # CDK2307
Description  Dual, 20/40/65/80MSPS, 12/13-bit Analog-to-Digital Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK2307 Datasheet(HTML) 15 Page - Cadeka Microcircuits LLC.

Back Button CDK2307 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CDK2307 Datasheet HTML 16Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
©2009 CADEKA Microcircuits LLC
www.cadeka.com
15
Data Sheet
Mechanical Dimensions
QFN-64 Package
A
A2
A3
A1
1
1.14
D
D1
E
E1
1.14
Pin 1 ID
0.20 R
R
0.05 Dia. R
seating
plane
0.45
0.42
±0.18
L
L
b
e
D2
E2
A
C
B
aaa C A
ccc C
bbb C A
aaa C B
bbb C B
0.42
±0.18
0.10 M C
B
A
NOTES:
1. All dimensions are in millimeters.
2. Die thickness allowable is 0.305mm maximum (.012 inches maximum)
3. Dimensioning & tolerances conform to ASME y14.5m. -1994.
4. Dimension applies to plated terminal and is measured between 0.20 and 0.25mm from terminal tip.
5. The pin #1 identifier must be placed on the top surface of the package by using indentation mark
or other feature of package body.
6. Exact shape and size of this feature is optional.
7. Package warpage max 0.08mm.
8. Applied for exposed pad and terminals. Exclude embedding part of exposed pad from measuring.
9. Applied only to terminals.
10. Package corners unless otherwise specipied are r0.175±0.025mm.
Symbol
Min
Typ
Max
Min
Typ
Max
A
–
–
0.035
–
–
0.9
A1
0.00
0.0004
0.002
0.00
0.01
0.05
A2
–
0.026
0.028
–
0.65
0.7
A3
0.008 REF
0.2 REF
b
0.008
0.010
0.012
0.2
0.25
0.30
D
0.354 BSC
9.00 BSC
D1
0.354 BSC
8.75 BSC
D2
0.149
0.157
0.165
3.79
3.99
4.19
E
0.354 BSC
9.00 BSC
E1
0.344 BSC
8.75 BSC
E2
0.149
0.157
0.165
3.79
3.99
4.19
L
0.012
0.016
0.020
0.3
0.4
0.5
e
0.020 BSC
0.50 BSC
1
0°
–
12°
0°
–
12°
R
0.004
–
–
0.10
–
–
Tolerance of Form and Position
aaa
0.10
0.004
bbb
0.10
0.004
ccc
0.05
0.002
Inches
Millimeters
TOP VIEW
BOTTOM VIEW
SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com