Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDK1308CILP40 Datasheet(PDF) 12 Page - Cadeka Microcircuits LLC.

Part # CDK1308CILP40
Description  Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1308CILP40 Datasheet(HTML) 12 Page - Cadeka Microcircuits LLC.

Back Button CDK1308CILP40 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1308CILP40 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1308CILP40 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1308CILP40 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK1308CILP40 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK1308CILP40 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK1308CILP40 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK1308CILP40 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CDK1308CILP40 Datasheet HTML 14Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
©2008 CADEKA Microcircuits LLC
www.cadeka.com
12
ADVANCE Data Sheet
a recommended configuration using a transformer. Make
sure that a transformer with sufficient linearity is selected,
and that the bandwidth of the transformer is appropriate.
The bandwidth should exceed the sampling rate of the
ADC with at least a factor of 10. It is also important to
keep phase mismatch between the differential ADC inputs
small for good HD2 performance. This type of transformer
coupled input is the preferred configuration for high fre-
quency signals as most differential amplifiers do not have
adequate performance at high frequencies. If the input
signal is traveling a long physical distance from the signal
source to the transformer (for example a long cable), kick-
backs from the ADC will also travel along this distance. If
these kick-backs are not terminated properly at the source
side, they are reflected and will add to the input signal at
the ADC input. This could reduce the ADC performance.
To avoid this effect, the source must effectively terminate
the ADC kick-backs, or the traveling distance should be
very short. If this problem could not be avoided, the cir-
cuit in Figure 6 can be used.
Figure 4. Transformer-Coupled Input
Figure 5 shows AC-coupling using capacitors. Resistors
from the CM_EXT output, RCM, should be used to bias the
differential input signals to the correct voltage. The series
capacitor, CI, form the high-pass pole with these resistors,
and the values must therefore be determined based on
the requirement to the high-pass cut-off frequency.
Figure 5. AC-Coupled Input
Note that startup time from Sleep Mode and Power Down
Mode will be affected by this filter as the time required
to charge the series capacitors is dependent on the filter
cut-off frequency.
If the input signal has a long traveling distance, and the kick-
backs from the ADC not are effectively terminated at the
signal source, the input network of Figure 6 can be used.
The configuration is designed to attenuate the kickback
from the ADC and to provide an input impedance that looks
as resistive as possible for frequencies below Nyquist.
Values of the series inductor will however depend on board
design and conversion rate. In some instances a shunt
capacitor in parallel with the termination resistor (e.g. 33pF)
may improve ADC performance further. This capacitor
attenuate the ADC kick-back even more, and minimize the
kicks traveling towards the source. However, the imped-
ance match seen into the transformer becomes worse.
Figure 6. Alternative Input Network
Clock Input And Jitter Considerations
Typically high-speed ADCs use both clock edges to gener-
ate internal timing signals. In the CDK1308 only the rising
edge of the clock is used. Hence, input clock duty cycles
between 20% and 80% is acceptable.
The input clock can be supplied in a variety of formats.
The clock pins are AC-coupled internally, and hence a wide
common mode voltage range is accepted. Differential
clock sources as LVDS, LVPECL or differential sine wave
can be connected directly to the input pins. For CMOS
inputs, the CLKN pin should be connected to ground, and
the CMOS clock signal should be connected to CLKP. For
differential sine wave clock input the amplitude must be
at least ±800mVpp.
33
33
RT
47
pF
pF
120nH
120nH
33
33
RT
68
220
optional
1:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com