Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDK1308DILP40 Datasheet(PDF) 14 Page - Cadeka Microcircuits LLC.

Part # CDK1308DILP40
Description  Ultra Low Power, 20/40/65/80MSPS, 10-bit Analog-to-Digital Converters (ADCs)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK1308DILP40 Datasheet(HTML) 14 Page - Cadeka Microcircuits LLC.

Back Button CDK1308DILP40 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK1308DILP40 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK1308DILP40 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK1308DILP40 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK1308DILP40 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK1308DILP40 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CDK1308DILP40 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CDK1308DILP40 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CDK1308DILP40 Datasheet HTML 14Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
For additional information regarding our products, please visit CADEKA at: cadeka.com
CADEKA, the CADEKA logo design, COMLINEAR and the COMLINEAR logo design are trademarks or registered trademarks of CADEKA
Microcircuits LLC. All other brand and product names may be trademarks of their respective companies.
CADEKA reserves the right to make changes to any products and services herein at any time without notice. CADEKA does not assume any
responsibility or liability arising out of the application or use of any product or service described herein, except as expressly agreed to in
writing by CADEKA; nor does the purchase, lease, or use of a product or service from CADEKA convey a license under any patent rights,
copyrights, trademark rights, or any other of the intellectual property rights of CADEKA or of third parties.
Copyright ©2008 by CADEKA Microcircuits LLC. All rights reserved.
CADEKA Headquarters Loveland, Colorado
T: 970.663.5452
T: 877.663.5452 (toll free)
ADVANCE Data Sheet
designed by
Amplify the Human Experience
Mechanical Dimensions
QFN-40 Package
NOTE:
Package dimensions in millimeter unless otherwise noted.
Symbol
Min
Typ
Max
Min
Typ
Max
A
–
–
0.035
–
–
0.9
A1
0.001
0.0004
0.002
0.00
0.01
0.05
A2
–
0.023
0.028
–
0.65
0.7
A3
0.008 REF
0.2 REF
b
0.008
0.010
0.013
0.2
0.25
0.32
D
0.236 BSC
6.00 BSC
D1
0.226 BSC
5.75 BSC
D2
0.156
0.162
0.167
3.95
4.10
4.25
L
0.012
0.016
0.020
0.3
0.4
0.5
e
0.020 BSC
0.50 BSC
1
0°
–
12°
0°
–
12°
F
0.008
–
–
0.2
–
–
G
0.0096
0.0168
0.024
0.24
0.42
0.6
R
0.004
0.008
–
0.1
0.2
–
Inches
Millimeters
Pin 1 ID - Dia. 0.5
(Top Side)
Pin 1 ID - Dia. R
Pin 0 Exposed Pad
F
G
A
A3
A1
A2
1
L
b
e
1.14
0.45
D
D2
D
D2
D1
Reference Voltages
The reference voltages are internally generated and buff-
ered based on a bandgap voltage reference. No external
decoupling is necessary, and the reference voltages are
not available externally. This simplifies usage of the ADC
since two extremely sensitive pins, otherwise needed, are
removed from the interface.
Operational Modes
The operational modes are controlled with the PD_N and
SLP_N pins. If PD_N is set low, all other control pins are
overridden and the chip is set in Power Down mode. In
this mode all circuitry is completely turned off and the in-
ternal clock is disabled. Hence, only leakage current con-
tributes to the Power Down Dissipation. The startup time
from this mode is longer than for Sleep Mode as all refer-
ences need to settle to their final values before normal
operation can resume.
The SLP_N signal can be used to set the full chip in Sleep
Mode. In this mode internal clocking is disabled, but some
low bandwidth circuitry is kept on to allow for a short
startup time. However, Sleep Mode represents a signifi-
cant reduction in supply current, and it can be used to
save power even for short idle periods.
The input clock should be kept running in all idle modes.
However, even lower power dissipation is possible in Power
Down mode if the input clock is stopped. In this case it is
important to start the input clock prior to enabling active mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com