Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS110 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # 1SS110
Description  Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1SS110 Datasheet(HTML) 1 Page - Leshan Radio Company

  1SS110 Datasheet HTML 1Page - Leshan Radio Company 1SS110 Datasheet HTML 2Page - Leshan Radio Company 1SS110 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
*150mW DO-34
* Glass silicon switching diodes
* We declare that the material of product
compliance with RoHS requirements.
Product Characteristic
Absolute Maximum Ratings(Ta=25°C)
Type
VR(V)
IF(mA)
Pd(mW)
Topr(℃)Tstg(℃)
1SS110
35
100
150
-20~+60
-55~+125
Characteristics at Ta = 25°C
symbol
MIN
TYPE
MAX
Unit
VF
-
-
1.0
V
IR
-
-
0.1
uA
V(BR)R
35
-
-
V
CT
-
-
1.2
pF
rj
-
-
0.9
Ω
Ls
-3-
nH
1SS110
Parameter Symbol
Forward resistance at IF=2mA f=100MHz
Inductance at f=250MHZ
Switching Diode
Forward Voltage at IF=100mA
Leakage Current at VR=25V
Breakdown Voltage at IR=10uA
Capacitance at VR = 6V f =1MHZ


Similar Part No. - 1SS110

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS110 HITACHI-1SS110 Datasheet
16Kb / 5P
Silicon Epitaxial Planar Diode for Tuner Band Switch
logo
SUNMATE electronic Co.,...
1SS110 SUNMATE-1SS110 Datasheet
244Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
More results

Similar Description - 1SS110

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com