Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C458 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # C458
Description  NPN Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

C458 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  C458 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. C458 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 07/12/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ST 2SC458
Characteristics at Tamb=25
OC
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE=12V, IC=2mA
Current Gain Group B
C
D
hFE
hFE
hFE
100
160
250
-
-
-
200
320
500
-
-
-
Collector Cutoff Current
at VCB=18V
ICBO
-
-
0.5
μA
Emitter Cutoff Current
at VEB=2V
IEBO
-
-
0.5
μA
Collector Emitter Saturation Voltage
at IC=10mA, IB=1mA
VCE(sat)
-
-
0.2
V
Transition Frequency
at VCE=12V, IC=2mA
fT
-
230
-
MHz
Base Emitter Voltage
at IC=2mA, VCE=12V
VBE
-
0.67
0.75
V
Collector Output Capacitance
at VCB=10V, f=1MHz
COB
-
1.8
3.5
pF
Collector Base Breakdown Voltage
at IC=10μA
VCBO
30
-
-
V
Collector Emitter Breakdown Voltage
at IC=1mA
VCEO
30
-
-
V
Emitter Base Breakdown Voltage
at IC=10μA
VEBO
5
-
-
V
Noise Figure
at VCE=6V, IC=0.1mA, f=1kHz, Rg=500Ω
NF
-
4
10
dB
Small signal input impedance
at VCE=5V, IC=0.1mA,f=270Hz
hie
hie
hie
hie
-
-
-
-
16.5
70
130
11
-
-
-
-
k Ω
X10
-6
-
μS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com