Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC1002IST6X Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # CLC1002IST6X
Description  Ultra-Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1002IST6X Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  CLC1002IST6X Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC1002IST6X Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC1002IST6X Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC1002IST6X Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC1002IST6X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC1002IST6X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1002IST6X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1002IST6X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1002IST6X Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
5
Electrical Characteristics at ±5V
TA = 25°C, Vs = ±5V, Rf = 100Ω, RL = 500Ω , G = 5; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
GBWP
-3dB Gain Bandwidth Product
G = +21, VOUT = 0.2Vpp
965
MHz
BWSS
-3dB Bandwidth
G = +5, VOUT = 0.2Vpp
290
MHz
BWLS
Large Signal Bandwidth
G = +5, VOUT = 2Vpp
61
MHz
BW0.1dBSS
0.1dB Gain Flatness Small Signal
G = +5, VOUT = 0.2Vpp
45
MHz
BW0.1dBLS
0.1dB Gain Flatness Large Signal
G = +5, VOUT = 2Vpp
32
MHz
Time Domain Response
tR, tF
Rise and Fall Time
VOUT = 1V step; (10% to 90%)
3.8
ns
tS
Settling Time to 0.1%
VOUT = 1V step
12
ns
OS
Overshoot
VOUT = 1V step
2
%
SR
Slew Rate
2V step
170
V/µs
Distortion/Noise Response
HD2
2nd Harmonic Distortion
2Vpp, 10MHz
-75
dBc
HD3
3rd Harmonic Distortion
2Vpp, 10MHz
-66
dBc
THD
Total Harmonic Distortion
2Vpp, 5MHz
-65.5
dB
en
Input Voltage Noise
> 100kHz
0.6
nV/√Hz
in
Input Current Noise
> 100kHz
4.2
pA/√Hz
DC Performance
VIO
Input Offset Voltage(1)
-1
0.5
1
mV
dVIO
Average Drift
4.3
µV/°C
Ib
Input Bias Current (1)
-60
30
60
µA
dIb
Average Drift
44
nA/°C
Io
Input Offset Current
0.3
6
µA
PSRR
Power Supply Rejection Ratio (1)
DC
78
83
dB
AOL
Open-Loop Gain (1)
VOUT = VS / 2
70
83
dB
IS
Supply Current (1)
per channel
13
16
mA
Disable Characteristics
tON
Turn On Time
1V step, 1% settling
115
ns
tOFF
Turn Off Time
210
ns
OFFISO
Off Isolation
2Vpp, 5MHz
73
dB
OFFCOUT
Off Output Capacitance
5.7
pF
VOFF
Power Down Voltage
Disabled if DIS pin is grounded or pulled below VOFF
Disabled if DIS < 1.3
V
VON
Enable Voltage
Enabled if DIS pin is floating or pulled above VON
Enabled if DIS > 3
V
ISD
Disable Supply Current (1)
No Load, DIS pin tied to ground
180
225
µA
Input Characteristics
RIN
Input Resistance
Non-inverting
9.4
MΩ
CIN
Input Capacitance
1.82
pF
CMIR
Common Mode Input Range
-4.3 to 5
V
CMRR
Common Mode Rejection Ratio (1)
DC , Vcm=-3.5V to 4V
75
90
dB
Output Characteristics
VOUT
Output Voltage Swing
RL = 500Ω (1)
-3.3
±4
3.6
V
RL = 2kΩ
±4
V
IOUT
Output Current
±130
mA
ISC
Short-Circuit Output Current
VOUT = VS / 2
±165
mA
Notes:
1. 100% tested at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com