Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC1003ASO8X Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # CLC1003ASO8X
Description  Low Distortion, Low Offset, RRIO Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC1003ASO8X Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button CLC1003ASO8X Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC1003ASO8X Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC1003ASO8X Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC1003ASO8X Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC1003ASO8X Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC1003ASO8X Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC1003ASO8X Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC1003ASO8X Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC1003ASO8X Datasheet HTML 12Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet
©2004-2008 CADEKA Microcircuits LLC
www.cadeka.com
8
Typical Performance Characteristics - Continued
TA = 25°C, Vs = ±5V, Rf = 1kΩ, RL = 1kΩ to GND, G = 2; unless otherwise noted.
CMRR vs. Frequency
PSRR vs. Frequency
Input Voltage Noise
CMIR at VS = 3V
Open Loop Gain and Phase vs. Frequency
CMIR
-525
-450
-375
-300
-225
-150
-75
0
-60
-40
-20
0
20
40
60
80
10
100
1,000
10,000
100,000
1,000,000
FREQ (KHz)
GAIN
PHASE
-0.1
0
0.1
0.2
0.3
0.4
0.5
-6
-4
-2
0
2
4
6
Vni(V)
2
3
4
5
6
7
8
9
10
11
12
13
14
0.0001
0.001
0.01
0.1
1
Frequency (MHz)
-0.1
0
0.1
0.2
0.3
0.4
0.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
Vni(V)
40
50
60
70
80
90
100
110
0.001
0.01
0.1
1
10
100
Frequency (MHz)
1000
40
50
60
70
80
90
100
110
0.001
0.01
0.1
1
10
100
Frequency (MHz)
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com