Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST9014 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # ST9014
Description  NPN Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST9014 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  ST9014 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST9014 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST9014 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST9014 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ST9014 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dated : 07/12/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Admissible power dissipation
versus temperature
Valid provided that leads are kept at
ambient temperature
at a distance of 2 mm from case
500
400
300
200
100
0
0
100
200 C
Ptot
Tamb
ST 9014
o
0
5
10
0.5
1
VBE
IC
Collector current
versus base emitter voltage
ST 9014
mW
mA
3
2
5
10
2
1
4
2
2
-1
10
tp
10 -1
2
5
1
2
5
10
2
5
2
10
2
5
3
10
K/W
ST 9014
rthA
10 -6
10 -4
10 -2
1
10 S
2
Pulse thermal resistance
versus pulse duration
Valid provided that leads are kept at
ambient temperature
at a distance of 2 mm from case
5
7
10 3
4
3
2
7
5
4
3
2
2
10
10
2
0.1
52
5
2
5
1
10
100 mA
MHz
ST 9014
Gain bandwidth product
versus collector current
fT
IC
VCE=5V
o
25 C
o
-50 C
Tamb=100 C
o
Tamb=25 C
o
VCE=10V
5V
0.2
0.1
0.05
0.02
0.01
0.005
v=0
tp
T
v=
PI
T
tp
V
3
5
3
4
4
2V
ST 9014



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com