Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC3613ISO14 Datasheet(PDF) 12 Page - Cadeka Microcircuits LLC.

Part # CLC3613ISO14
Description  Single and Triple, 1.1mA, 200MHz Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC3613ISO14 Datasheet(HTML) 12 Page - Cadeka Microcircuits LLC.

Back Button CLC3613ISO14 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC3613ISO14 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CLC3613ISO14 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CLC3613ISO14 Datasheet HTML 11Page - Cadeka Microcircuits LLC. CLC3613ISO14 Datasheet HTML 12Page - Cadeka Microcircuits LLC. CLC3613ISO14 Datasheet HTML 13Page - Cadeka Microcircuits LLC. CLC3613ISO14 Datasheet HTML 14Page - Cadeka Microcircuits LLC. CLC3613ISO14 Datasheet HTML 15Page - Cadeka Microcircuits LLC. CLC3613ISO14 Datasheet HTML 16Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Data Sheet
©2007-2008 CADEKA Microcircuits LLC
www.cadeka.com
12
Typical Performance Characteristics - Continued
TA = 25°C, +Vs = 5V, -VS = -5V, Rf = Rg =1.2kΩ, RL = 100Ω to GND, G = 2; unless otherwise noted.
Crosstalk vs. Frequency
2nd Harmonic Distortion vs. VOUT
3rd Harmonic Distortion vs. VOUT
2nd Harmonic Distortion vs. RL
3rd Harmonic Distortion vs. RL
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
0
5
10
15
20
Frequency (MHz)
RL = 100Ω
VOUT = 2Vpp
RL = 1kΩ
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
0
5
10
15
20
Frequency (MHz)
RL = 100Ω
VOUT = 2Vpp
RL = 1kΩ
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
Output Amplitude (Vpp)
10MHz
5MHz
1MHz
RL = 100Ω
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
Output Amplitude (Vpp)
10MHz
5MHz
1MHz
RL = 100Ω
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
0.1
1
10
100
Frequency (MHz)
VOUT = 2Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com