Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2057 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CLC2057
Description  Dual, Low Noise, Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CLC2057 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CLC2057 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CLC2057 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CLC2057 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CLC2057 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CLC2057 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CLC2057 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CLC2057 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CLC2057 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CLC2057 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet
©2007-2009 CADEKA Microcircuits LLC
www.cadeka.com
Comlinear® CLC2057
Dual, Low Noise, Operational Amplifier
Amplify the Human Experience
F E A T U R E S
n
Unity gain stable
n
1.75mA supply current per channel
n
15MHz gain bandwidth product
n
6V/μs slew rate
n
110dB PSRR, CMRR, and voltage gain
n
4nV/√Hz input voltage noise
n
0.0005% THD
n
4V to 36V single supply voltage range
n
Improved replacement for NJM4580
A P P L I C A T I O N S
n
Active Filters
n
Audio Pre-Amplifiers
n
Audio AC-3 Decoder Systems
n
Headphone Amplifier
n
General purpose dual ampliifer
General Description
The COMLINEAR CLC2057 is a low noise, dual voltage feedback amplifier
that is internally frequency compensated to provide unity gain stability. The
CLC2057 offers over 13MHz of unity gain bandwidth and excellent (110dB)
CMRR, PSRR, and open loop gain. The CLC2057 also features low input volt-
age noise (4nV/√Hz) and low distortion (0.0005%) making it well suited for
audio applications such as audio filtering. Other applications include indus-
trial measurement tools, pre-amplifiers, and other circuits that require well-
matched channels.
The COMLINEAR CLC2057 is designed to operate over a wide power supply
voltage range, ±2V to ±18V (4V to 36V). It utilizes an industry standard
dual amplifier pin-out and is available in a Pb-free, RoHS compliant SOIC-8
package.
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CLC2057ISO8X
SOIC-8
Yes
Yes
-40°C to +85°C
Reel
Moisture sensitivity level for all parts is MSL-1.
100Ω
Amp RV
Amp RV
1.8kΩ
39kΩ
1kΩ
680pF
10µF
Audio_Input L
+
–
4
1
2
8
+V
S
3
1/2
CLC2057
DAC Load
Resistor
620Ω
470pF
150µF
Audio_Output L
10kΩ
5pF
1.8kΩ
39kΩ
1kΩ
680pF
10µF
Audio_Input R
+
+
+
+
–
7
6
5
1/2
CLC2057
DAC Load
Resistor
620Ω
470pF
150µF
Audio_Output R
10kΩ
5pF
10kΩ
10kΩ
100Ω
0.1µF
+V
S
0.1µF
100µF
+
100µF
AUDIO AMPLIFIER
Typical Application - Filtering and Driving Audio in STB or DVD Applications


Similar Part No. - CLC2057

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2050 CADEKA-CLC2050 Datasheet
2Mb / 17P
Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
logo
Exar Corporation
CLC2050 EXAR-CLC2050 Datasheet
1Mb / 17P
Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
logo
Cadeka Microcircuits LL...
CLC2050ISO8X CADEKA-CLC2050ISO8X Datasheet
2Mb / 17P
Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
logo
Exar Corporation
CLC2050ISO8X EXAR-CLC2050ISO8X Datasheet
1Mb / 17P
Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
logo
Cadeka Microcircuits LL...
CLC2058 CADEKA-CLC2058 Datasheet
1Mb / 12P
Dual 4V to 36V Amplifier
More results

Similar Description - CLC2057

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
Dual Low-Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
Low Noise Dual Operational Amplifier
Jul-2005
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
Low noise dual operational amplifier
03-Mar-2008
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
Dual Low Noise Operational Amplifier
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
Low-Noise Dual Operational Amplifier
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
Dual Low Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com