Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S331F Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # S331F
Description  Medium/High Capacity Standard Size Toggles
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

S331F Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button S331F Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. S331F Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. S331F Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. S331F Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. S331F Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. S331F Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. S331F Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. S331F Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. S331F Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-08
Medium/High Capacity Standard Size Toggles
Series S
(30.0)
1.181
Keyway
(17.5)
.689
(12.0)
.472
(33.3)
1.311
25
°
(6.1) Dia
.240
M12 P1
(0.8) Typ
.031
(11.0)
.433
(6.35) Typ
.250
(7.9)
.311
(1.5) Dia Typ
.060
(7.5) Typ
.295
9
3
2
1
7
8
(33.8)
1.331
4
5
6
S32F
S31F does not have terminals 2, 5, & 8
S41F does not have terminals 2, 5, 8, & 11
S42F
(36.5)
1.437
Keyway
(17.5)
.689
(12.0)
.472
(33.1)
1.303
M12 P1
(0.8) Typ
.031
(11.8)
.465
(7.5) Typ
.295
(1.5) Dia Typ
.060
(7.9)
.311
25
°
(6.0) Dia
.236
(6.35) Typ
.250
(34.2)
1.346
9
3
2
1
10
11
5
4
6
8
7
12
• Standard Hardware: AT503M Face Hex Nut, AT506 Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
• Standard Hardware: AT503M Face Hex Nut, AT506 Locking Ring, AT508 Lockwasher, AT527M Backup Hex Nut. See Accessories & Hardware section.
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
Maximum
Panel Thickness:
.181” (4.6mm)
Maximum
Panel Thickness:
.181” (4.6mm)
*See Supplement section
for UL detail
Toggle Position/Connected Terminals
Electrical Capacity
Model
Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
α =
Angle
of Throw
AC
125V
AC
250V
DC
30V
AC 125V
PF 0.6
S41F
*
4PST
ON 1-3 4-6 7-9 10-12
NONE OFF
—
25A
9A
20A
10A
25°
S42F
*
4PDT
ON 2-3 5-6 8-9 11-12
NONE
ON 2-1 5-4 8-7 11-10
25A
9A
20A
10A
25°
S43F
*
4PDT
ON 2-3 5-6 8-9 11-12
OFF
ON 2-1 5-4 8-7 11-10
25A
9A
20A
10A
30°
Throw &
Schematics:
FOUR POLE WITH QUICK CONNECT
Keyway
R
R
R
11
10
12
7
9
4
6
1
3
2
5
8
(COM)
9
7
INTERNAL
CONNECTION
6
4
3
1
12
10
4PST
4PDT
Note: Terminal
numbers are
on the switch
R
R
R
*See Supplement section
for UL detail
Toggle Position/Connected Terminals
Electrical Capacity
Model
Approvals
Pole &
Throw
Down
Center
Up
Resistive
Inductive
α =
Angle
of Throw
AC
125V
AC
250V
DC
30V
AC 125V
PF 0.6
S31F
*
3PST
ON 1-3 4-6 7-9
NONE
OFF
—
25A
9A
20A
10A
25°
S32F
*
3PDT
ON 2-3 5-6 8-9
NONE
ON 2-1 5-4 8-7
25A
9A
20A
10A
25°
S33F
*
3PDT
ON 2-3 5-6 8-9
OFF
ON 2-1 5-4 8-7
25A
9A
20A
10A
30°
Throw &
Schematics:
Note: Terminal numbers
are on the switch
THREE POLE WITH QUICK CONNECT
3PST
Keyway
3PDT
R
R
R
2
5
(COM)
8
3
1
6
4 9
7
9
7
INTERNAL
CONNECTION
6
4
3
1
R
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com