Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W616LS Datasheet(PDF) 1 Page - Lumins Inc.

Part # W616LS
Description  Post top mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

W616LS Datasheet(HTML) 1 Page - Lumins Inc.

  W616LS Datasheet HTML 1Page - Lumins Inc. W616LS Datasheet HTML 2Page - Lumins Inc. W616LS Datasheet HTML 3Page - Lumins Inc. W616LS Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
90
60
30
Photometry
Specification
ECLIPSE
Post top mount
W616 . W616LS
3
1
2
4
5
6
All exposed cast aluminum components are made of non corrosive
pure aluminum copper free (Aluminum is less than .1% copper
content.#356 alloy.)
The luminaire base assembly is built with a hinge
mechanism,allowing to tilt the top part of the luminaire to access the
electrical equipment. No tools required. The quick disconnect
ballast assembly is installed on a removable tray.
The lamp is accessible with a twist and lock action.
The ease of maintenance and lamp replacement concept will leave
the optical chamber free of finger prints and foreign particles,
Finish: All polyester powder baked coatings preceded with
a 5 baths preparation process. Meets military grade
MIL-C781706 with a 2000 hours salt spray test.
- Pulse rated porcelain socket or 75W/600V thermoplastic compact
fluorescent socket.
- One-piece molded silicone gasket with memory retention.
- High power factor CWA ballast. Or 98% P.F.electronic smart
ballast with end of life detection for compact fluorescent.
- All stainless steel hardware.
- All Moving and removable parts are sealed with a
memory retention silicone gasket.
1- Min. .093” hard aluminum shade, with underside
white enamel to maximize light performance.
2- 1/2” dia. solid aluminum struts.
3- White translucent U.V. protected high impact
acrylic cylindrical diffuser.
4- Cast Aluminum built-in hinge mechanism.
5- Cast Aluminum ballast housing with dissipation fins to maximize
heat dissipation and cool operation of ballast.
6- Cast Aluminum swing out housing,with safety cable retainer.
Push release button for quick access to electrical equipment.
(No tools required for maintenance.) Button may be locked for
limited access. (See option LB1)
7- Set of 8 interlocked cast aluminum louver blades.
W616
With 30” dia.
aluminum
shade
W616LS
Less shade
luminaire tilt
action.
Access
to lamp
Access
Ballast
30”
12”
29 3/4”
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. Feb.2007
Toll free: 888 .401 .6999
7
E.P.A: 1.24 sq./ft
Max. weight: 45 lbs..
Installation: Mounts over a 4” or 5"O.D. Pole.X 4”ø tenon.
UL. Wet Location.
Certification
Light source selection
120 V Standard factory
prewired
(If no voltage is specified)
For other voltages, please
specify with catalog number.
208 V
240 V
277 V
347 V
480 V
347 V (To specify)
Smart ballast 120/277
Model#
Voltage
Mounting
Finish
Options
H.I.D.
Mounting & E.P.A.
COMP. FLUO.
For options details and
specifications, please refer
to pages 41.42.43
Luminaires may be altered for design improvements or
discontinued without prior notice.
Option
LB1
(Lamps by others. Except for QL lamps)
Separate updated technical
specification sheets with related
models and light sources with
I.E.S formatted photometry are
available on
www.luminis.com.
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
GNT: Forest green
Optional colors
CS: Custom color
RAL: RAL# color
(Refer to color chart)
INDUCTION QL
120V
L U M I
I
N S
Page
29
Accessories
LB1:
Release button lock
H2:
House shield.
STS30:
Stainless steel shade.
Available with W616LS only.
EC6:
Double dropped
shade.
EC7:
Single dropped
shade
EC5:
18” dia.Cast
aluminum shade
Electrical
FS:
Fuse
PH1:
120/277V photo cell
PH2:
347V photo cell
Optional
ACA1
ACW1
EC3P
EC3W
ACA1
ACW1
EC3PS
EC3WS
W616
W616LS
QL
MH (ED17)
CF (Gx24q)
M70
M100
M150
M175
HPS (ED17)
H70
H100
H150
Single lamp
F232
F242
F257
F270
Two lamps
Four lamps
F426
F432
Q55
Q85
QL lamp.
(Including:
generator,
power coupler
& discharge
vessel) 120V
F157
F170
F185
F120


Similar Part No. - W616LS

ManufacturerPart #DatasheetDescription
logo
Weller Tools
W61 WELLER-W61 Datasheet
572Kb / 5P
Fine Duty Irons, 15 Watts
logo
WIZnet Co., Ltd
W6100 WIZNET-W6100 Datasheet
2Mb / 149P
Hardwired Dual TCP/IP Stack Controller
logo
Pulse A Technitrol Comp...
W6101 PULSE-W6101 Datasheet
872Kb / 9P
LTE 698-3600MHz FPC Antenna
W6102B0100 PULSE-W6102B0100 Datasheet
1Mb / 12P
2X2 MIMO Dual WiFiAntenna
W6102B0100 PULSE-W6102B0100 Datasheet
760Kb / 4P
: Flexible PCB Antennas ISM, WiFi ,2G/3G/4G, LTE, GNSS
More results

Similar Description - W616LS

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W800 LUMINIS-W800 Datasheet
112Kb / 2P
Post top mount
W810 LUMINIS-W810 Datasheet
110Kb / 2P
Post top mount
W820 LUMINIS-W820 Datasheet
110Kb / 2P
Post top mount
W624 LUMINIS-W624 Datasheet
203Kb / 4P
Post top mount
W606 LUMINIS-W606 Datasheet
196Kb / 4P
Post top mount
W614 LUMINIS-W614 Datasheet
191Kb / 4P
Post top mount
W708 LUMINIS-W708 Datasheet
188Kb / 4P
Post top mount
W722 LUMINIS-W722 Datasheet
198Kb / 4P
Post top mount
W766 LUMINIS-W766 Datasheet
196Kb / 4P
Post top mount
LX150PC LUMINIS-LX150PC Datasheet
99Kb / 2P
Post top mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com