Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W780LS Datasheet(PDF) 4 Page - Lumins Inc.

Part # W780LS
Description  Ceiling mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

W780LS Datasheet(HTML) 4 Page - Lumins Inc.

  W780LS Datasheet HTML 1Page - Lumins Inc. W780LS Datasheet HTML 2Page - Lumins Inc. W780LS Datasheet HTML 3Page - Lumins Inc. W780LS Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ECLIPSE
OPTIONAL MOUNTING AND ACCESSORIES
W616
W618
W614
W708
W712
W624
W722
W766
EC3PS
Pole mount short arm.
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. Feb.2007
Toll free: 888 .401 .6999
Luminaires may be altered for design improvements or discontinued without prior notice.
W616LS
W618LS
W614LS
W624LS
W722LS
ACW1
Wall mount
W606
1
EC3W
Wall mount extended.
ACA1 Pole mount
ACW1
Wall mount
L U M I
I
N S
Wall mount
ACA1
Pole mount
EC3WS
Wall mount short.arm
Wall mount
Pole mount
Pole mount
EC3P
Wall mount extended.
Page
43
W768
W770
10 1/2”
16”
4 1/2”
22”
16”
11 1/2”
16”
16”
18 1/2”
17 1/2”
16”
28”
Compatible poles listing.
PAA410
PAA412
PAA414
PAA416
PAA418
PAA420
PAA510-A
PAA512-A
PAA514-A
PAA516-A
PAA518-A
PAA520-A
PEX10
PEX12
PEX14
PEX16
PEX18
PEX20
PXD10
PXD12
PXD14
PXD16
PXD18
PXD20
PCA10
PCA12
PCA14
PCA16
10 ft
12 ft
14 ft
16 ft
18 ft
20 ft
* Note:
36” extension with ACA attachment
24” extension with EC3P attachment
4”O.D.
5”O.D.
4”O.D.
4”O.D.
4”O.D.
Post top mounting
Post side mount with EC3P attachment accessory
PAA414-ACA
PAA416-ACA
PAA418-ACA
PAA420-ACA
PAA514-ACA
PAA516-ACA
PAA518-ACA
PAA520-ACA
PXD14-ACA
PXD16-ACA
PXD18-ACA
PXD20-ACA
14 ft
16 ft
18 ft
20 ft
PCA14-ACA
PCA16-ACA
PAA410-C3P
PAA412-C3P
PAA414-C3P
PAA416-C3P
PAA418-C3P
PAA420-C3P
PAA510-C3P
PAA512-C3P
PAA514-C3P
PAA516-C3P
PAA518-C3P
PAA520-C3P
10 ft
12 ft
14 ft
16 ft
18 ft
20 ft
PCA12-C3P
PCA14-C3P
PCA16-C3P
PEX12-C3P
PEX14-C3P
PEX16-C3P
PEX18-C3P
PXD12-C3P
PXD14-C3P
PXD16-C3P
PXD18-C3P
Post side mount with ACA1 attachment accessory
PEX
pole
style
PXD
pole
style
60”
* Note
PCA
pole
style
PCA
pole
style
PAA
pole
style
For poles details and specification, please
refer to pages 140 to 144
Pole
height
Mounting
style
OAL pole height
12-14 or 16ft.
Post top mount
4”



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com