Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KH104 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # KH104
Description  DC to 1.1GHz Linear Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

KH104 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  KH104 Datasheet HTML 1Page - Cadeka Microcircuits LLC. KH104 Datasheet HTML 2Page - Cadeka Microcircuits LLC. KH104 Datasheet HTML 3Page - Cadeka Microcircuits LLC. KH104 Datasheet HTML 4Page - Cadeka Microcircuits LLC. KH104 Datasheet HTML 5Page - Cadeka Microcircuits LLC. KH104 Datasheet HTML 6Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KH104
DATA SHEET
REV. 1A January 2004
3
KH104 Performance Characteristics (TA = +25°C, VCC = ±15V, RL = 50Ω, Rs = 50Ω; unless specified)
Forward Gain and Phase
16
14
8
Frequency (MHz)
0
260
520
780
1.04G
1.3G
12
10
∠S
21
180
0
540
-180
-360
|S21|
Po = 0dBm
Reverse Gain and Phase
0
20
80
40
60
∠S
12
360
180
-360
0
-180
|S12|
Po = 0dBm
Frequency (MHz)
0
260
520
780
1.04G
1.3G
Input Return Loss
0
20
80
40
60
Frequency (MHz)
0
260
520
780
1.04G
1.3G
Output Return Loss
0
20
80
40
60
Frequency (MHz)
0
260
520
780
1.04G
1.3G
Pulse Response
500ps/div
K
Input
Output
2nd and 3rd Harmonic Distortion
Frequency (Hz)
K
-20
-30
-80
100k
1M
10M
100M
1G
-40
-50
2nd
3rd
Po = 0dBm
-60
-70
2-Tone, 3rd Order Intermod. Intercept
Frequency (MHz)
K
30
25
0
0
200
400
600
1000
20
15
10
5
800
Noise Spectral Density
Frequency (Hz)
K
-120
-170
10
1k
100k
1G
-130
-140
-150
-160
10M
-1dB Gain Compression
Frequency (MHz)
16
0
0
200
400
1000
12
8
4
600
800
Usable Dynamic Range
Frequency (MHz)
K
72
70
60
0
200
400
600
1000
68
66
64
62
800
Power Supply Rejection Ratio
Frequency (Hz)
K
70
60
10
1
10
100
1k
1M
50
40
30
20
10k
100k
Relative Bandwidth vs. Case Temp.
Case Temperature (
°C)
105
100
80
0
20
40
60
140
95
90
85
80
100
120
Pd = 1.6W
Θ
CA = 30°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com