Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS374DBR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS374DBR
Description  OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS374DBR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LS374DBR Datasheet HTML 3Page - Texas Instruments SN74LS374DBR Datasheet HTML 4Page - Texas Instruments SN74LS374DBR Datasheet HTML 5Page - Texas Instruments SN74LS374DBR Datasheet HTML 6Page - Texas Instruments SN74LS374DBR Datasheet HTML 7Page - Texas Instruments SN74LS374DBR Datasheet HTML 8Page - Texas Instruments SN74LS374DBR Datasheet HTML 9Page - Texas Instruments SN74LS374DBR Datasheet HTML 10Page - Texas Instruments SN74LS374DBR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SN54LS373, SN54LS374, SN54S373, SN54S374,
SN74LS373, SN74LS374, SN74S373, SN74S374
OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SDLS165B – OCTOBER 1975 – REVISED AUGUST 2002
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN54LS’
SN74LS’
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
VIK
Input clamp voltage
VCC = MIN,
II = –18 mA
–1.5
–1.5
V
VOH
High level output voltage
VCC = MIN,
VIH = 2 V,
24
34
24
31
V
VOH
High-level output voltage
CC
,
VIL = VIL max,
IH
,
IOH = MAX
2.4
3.4
2.4
3.1
V
VOL
Low level output voltage
VCC = MIN,
VIH = 2 V, IOL = 12 mA
0.25
0.4
0.25
0.4
V
VOL
Low-level output voltage
CC
,
VIL = VIL max
IH
,
IOL = 24 mA
0.35
0.5
V
IOZH
Off-state output current,
VCC = MAX,
VIH = 2 V,
20
20
mA
IOZH
,
high-level voltage applied
CC
,
VO = 2.7 V
IH
,
20
20
mA
IOZL
Off-state output current,
VCC = MAX,
VIH = 2 V,
20
20
mA
IOZL
,
low-level voltage applied
CC
,
VO = 0.4 V
IH
,
–20
–20
mA
II
Input current at maximum
VCC = MAX
VI =7V
01
01
mA
II
input voltage
VCC = MAX,
VI = 7 V
0.1
0.1
mA
IIH
High-level input current
VCC = MAX,
VI = 2.7 V
20
20
mA
IIL
Low-level input current
VCC = MAX,
VI = 0.4 V
–0.4
–0.4
mA
IOS
Short-circuit output current§
VCC = MAX
–30
–130
–30
–130
mA
ICC
Supply current
VCC = MAX,
’LS373
24
40
24
40
mA
ICC
Supply current
CC
,
Output control at 4.5 V
’LS374
27
40
27
40
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time and duration of the short circuit should not exceed one second.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
FROM
TO
TEST CONDITIONS
’LS373
’LS374
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
fmax
RL = 667 Ω, CL = 45 pF,
See Note 3
35
50
MHz
tPLH
Data
Any Q
RL = 667 Ω, CL = 45 pF,
12
18
ns
tPHL
Data
Any Q
L
, L
,
See Note 3
12
18
ns
tPLH
CorCLK
Any Q
RL = 667 Ω, CL = 45 pF,
20
30
15
28
ns
tPHL
C or CLK
Any Q
L
, L
,
See Note 3
18
30
19
28
ns
tPZH
OC
Any Q
RL = 667 Ω, CL = 45 pF,
15
28
20
26
ns
tPZL
OC
Any Q
L
, L
,
See Note 3
25
36
21
28
ns
tPHZ
15
25
15
28
tPHZ
OC
Any Q
RL 667 Ω CL 5 pF
15
25
15
28
ns
tPLZ
OC
Any Q
RL = 667 Ω, CL = 5 pF
12
20
12
20
ns
tPLZ
12
20
12
20
NOTE 3: Maximum clock frequency is tested with all outputs loaded.
fmax = maximum clock frequency
tPLH = propagation delay time, low-to-high-level output
tPHL = propagation delay time, high-to-low-level output
tPZH = output enable time to high level
tPZL = output enable time to low level
tPHZ = output disable time from high level
tPLZ = output disable time from low level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com