Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB-3 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # DB-3
Description  Bi-directional trigger diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

DB-3 Datasheet(HTML) 1 Page - Leshan Radio Company

  DB-3 Datasheet HTML 1Page - Leshan Radio Company DB-3 Datasheet HTML 2Page - Leshan Radio Company DB-3 Datasheet HTML 3Page - Leshan Radio Company DB-3 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
Parameter
Test Condition
TYPE
Min
Typ
Max
Unit
VBO
Breakdown Voltage
I=IBO
V
+VBO - -VBO
Breakover Voltage Symmetry
V
±
V
Dynamic Breakover Voltage
I=
IBO to IF=10mA
V
VO
Output Voltage
5
V
IBO
Breakdown Current
V=VBO
100
uA
tr
Rise Time
1.5
uS
IB
Leakage Current
VB=0.5VB0 (max)
10
uA
Symbol
Parameter
Pc
Power Dissipation
Ta=50℃
IFmax
Peak Pulse Current
Tr
Tj
Storage and Operating
Junction
Temperatuer Range.
-40 to 110
℃
mW
A
-40 to 125
Value
150
Unit
tp=10us 120PPS
Ta≤40℃
28
32
36
35
40
45
56
60
70
DB-3
DB-4
DB-6
DB-3
DB-4
DB-6
3
3
4
DB-3
DB-4
DB-6
5
5
10
DB-3
DB-4
DB-6
2.0
2.0
16
Bi-directional trigger diodes
. 500mW DO-35
. Glass silicon
Product Characteristic
Limiting Values
LESHAN RADIO COMPANY, LTD.
1/3
. We declare that the material of product
compliance with RoHS requirements.
DB-3


Similar Part No. - DB-3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DB-3 SEMTECH-DB-3 Datasheet
70Kb / 1P
Silicon Bidirectional DIAC
logo
Daya Electric Group Co....
DB-3 DAYA-DB-3 Datasheet
135Kb / 1P
SILICON BIDIRECTIONAL DIACS
logo
AG Electronica
DB-36SCP AGELECTRONICA-DB-36SCP Datasheet
258Kb / 2P
DB36 HEMBRA TIPO CENTRONIX P/CAB
23/12/2019
DB-36SPCB AGELECTRONICA-DB-36SPCB Datasheet
234Kb / 2P
CONECTOR DB36 HEMBRA CENTRONIX PARA SOLDAR EN PCB
24/12/2019
DB-37P AGELECTRONICA-DB-37P Datasheet
213Kb / 1P
CONECTOR TIPO D 37 PINES MACHO
24/12/2019
More results

Similar Description - DB-3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BR100 PHILIPS-BR100 Datasheet
14Kb / 3P
Silicon Bi-directional Trigger Device
February 1996 Rev 1.000
logo
Wing Shing Computer Com...
DB310K WINGS-DB310K Datasheet
264Kb / 3P
BI-DIRECTIONAL TRIGGER DIODES
logo
Leshan Radio Company
BI-DORECTIONAL LRC-BI-DORECTIONAL Datasheet
110Kb / 2P
DO-35 GLASS-SEALED BI-DIRECTIONAL TRIGGER DIODES
logo
EIC discrete Semiconduc...
D32P EIC-D32P Datasheet
26Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
logo
Leshan Radio Company
DB-4 LRC-DB-4 Datasheet
48Kb / 4P
Bi-directional trigger diodes
logo
Fairchild Semiconductor
DB3-DB3TG FAIRCHILD-DB3-DB3TG Datasheet
188Kb / 4P
150mW Bi-directional Trigger Diodes
logo
New Jersey Semi-Conduct...
D32P NJSEMI-D32P Datasheet
82Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
logo
EIC discrete Semiconduc...
D32 EIC-D32 Datasheet
112Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
Rev. 01 : March 03, 2021
D32P EIC-D32P_V01 Datasheet
51Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
Rev. 03 : June 15, 2009
logo
AiT Semiconductor Inc.
LLDB3 AITSEMI-LLDB3 Datasheet
586Kb / 6P
ZENER DIODES 150mW BI-DIRECTIONAL TRIGGER DIODE
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com