Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1PS50-03WS Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 1PS50-03WS
Description  General purpose PIN diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1PS50-03WS Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1PS50-03WS Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1PS50-03WS Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 1PS50-03WS Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 06/01/2009
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1PS50-03WS
General purpose PIN diode
Features
Low forward resistance
Low capacitance
Applications
General RF applications
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Reverse Voltage
VR
50
V
Continuous Forward Current
IF
50
mA
Total Power Dissipation (TS = 90 OC)
Ptot
500
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
Electrical Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 50 mA
VF
-
1.1
V
Reverse Current
at VR = 50 V
IR
-
100
nA
Reverse Voltage
at IR = 10 µA
VR
50
-
V
Diode Capacitance
at VR = 1 V, f = 1 MHz
at VR = 5 V, f = 1 MHz
Cd
-
-
0.55
0.35
pF
Forward Resistance
at IF = 0.5 mA, f = 100 MHz
at IF = 1 mA, f = 100 MHz
at IF = 10 mA, f = 100 MHz
rD
-
-
-
40
25
5
Anode
2
Top View
Marking Code: "WE"
Simplified outline SOD-323 and symbol
1
WE
2
PINNING
1
PIN
Cathode
DESCRIPTION


Similar Part No. - 1PS50-03WS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1PS59SB KEXIN-1PS59SB Datasheet
38Kb / 1P
Schottky Barrier (Double) Diodes
logo
NXP Semiconductors
1PS59SB10 PHILIPS-1PS59SB10 Datasheet
33Kb / 5P
Schottky barrier (double) diodes
1996 Sep 20
logo
Guangdong Kexin Industr...
1PS59SB10 KEXIN-1PS59SB10 Datasheet
38Kb / 1P
Schottky Barrier (Double) Diodes
logo
NXP Semiconductors
1PS59SB14 PHILIPS-1PS59SB14 Datasheet
33Kb / 5P
Schottky barrier (double) diodes
1996 Sep 20
logo
Guangdong Kexin Industr...
1PS59SB14 KEXIN-1PS59SB14 Datasheet
38Kb / 1P
Schottky Barrier (Double) Diodes
More results

Similar Description - 1PS50-03WS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP50-03 PHILIPS-BAP50-03 Datasheet
60Kb / 8P
General purpose PIN diode
1999 May 10
BAP51-03 PHILIPS-BAP51-03 Datasheet
57Kb / 8P
General purpose PIN diode
1999 May 10
BAP51-05W PHILIPS-BAP51-05W Datasheet
58Kb / 8P
General purpose PIN diode
2001 Jan 23
BAP51-04W PHILIPS-BAP51-04W Datasheet
84Kb / 7P
GENERAL PURPOSE PIN DIODE
2002 Feb 19
logo
E-Tech Electronics LTD
BAP51-02 ETL-BAP51-02 Datasheet
165Kb / 2P
General purpose PIN diode
logo
NXP Semiconductors
BAP51-02 PHILIPS-BAP51-02 Datasheet
60Kb / 8P
General purpose PIN diode
2000 Jul 06
logo
Guangdong Kexin Industr...
KAP50-03 KEXIN-KAP50-03 Datasheet
57Kb / 2P
General Purpose PIN Diode
logo
Quanzhou Jinmei Electro...
BAP51-04W_N JMNIC-BAP51-04W_N_15 Datasheet
89Kb / 7P
General purpose PIN diode
logo
Jiangsu Changjiang Elec...
BAP50-03 JIANGSU-BAP50-03 Datasheet
599Kb / 4P
GENERAL PURPOSE PIN DIODE
logo
NXP Semiconductors
BAP51-02 PHILIPS-BAP51-02_99 Datasheet
83Kb / 6P
General purpose PIN diode
1999 Jun 28
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com