Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9015QLT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L9015QLT1G
Description  General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L9015QLT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  L9015QLT1G Datasheet HTML 1Page - Leshan Radio Company L9015QLT1G Datasheet HTML 2Page - Leshan Radio Company L9015QLT1G Datasheet HTML 3Page - Leshan Radio Company L9015QLT1G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
MAXIMUM RATINGS
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
45
V
Collector-Base Voltage
VCBO
50
V
Emitter-Base Voltage
VEBO
5V
Collector current-continuoun
IC
100
mA
THERMAL CHARATEERISTICS
Symbol
Max
Unit
Total Device Dissipation FR-5 Board.
PD
225
mW
1.8
mW/
oC
Thermal Resistance, Junction to Ambient
RJA
556
oC/W
PD
300
mW
2.4
mW/
oC
Thermal Resistance, Junction to Ambient
RJA
417
oC/W
Junction and Storage Temperature
TJ ,Tstg
-55 to +150
oC
Total Device Dissipation
Alumina Substrate, (2) TA=25
oC
Derate above 25
oC
Rating
Characteristic
TA=25
oC
Derate above 25
oC
General Purpose Transistors
PNP Silicon
FEATURE
Complementary to L9014.
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
L9015QLT1G
15Q
3000/Tape&Reel
L9015QLT3G
15Q
10000/Tape&Reel
L9015RLT1G
15R
3000/Tape&Reel
L9015RLT3G
15R
10000/Tape&Reel
L9015SLT1G
15S
3000/Tape&Reel
L9015SLT3G
15S
10000/Tape&Reel
L9015XLT1G
1
3
2
SOT– 23
1
BASE
COLLECTOR
3
2
EMITTER
1/4
We declare that the material of product compliance with RoHS requirements.


Similar Part No. - L9015QLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L9015QLT1G LRC-L9015QLT1G Datasheet
52Kb / 3P
General Purpose Transistors PNP Silicon
L9015QLT1G LRC-L9015QLT1G Datasheet
119Kb / 4P
General Purpose Transistors PNP Silicon
logo
Shanghai Leiditech Elec...
L9015QLT1G LEIDITECH-L9015QLT1G Datasheet
422Kb / 4P
PNP Silicon
logo
Leshan Radio Company
L9015QLT1G LRC-L9015QLT1G_15 Datasheet
160Kb / 4P
General Purpose Transistors
More results

Similar Description - L9015QLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com