Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1F2 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 1F2
Description  MINIATURE FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1F2 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1F2 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1F2 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 03/04/2007
H
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1F1 THRU 1F7
MINIATURE FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 1000 V
Forward Current - 1 A
Features
• High current capability
• High reliability
• Low forward voltage drop
• Low leakage
• High switching capability
Mechanical Data
• Case: Molded plastic, R-1
• Epoxy: UL 94V-0 rate flame retardant
• Lead: Axial leads, solderable per MIL-STD-202,
Method 208 guaranteed
• Polarity: color band denotes cathode end
• Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25
OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
.
Parameter
Symbols
1F1
1F2
1F3
1F4
1F5
1F6
1F7
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
0.375" (9.5 mm) Lead Length at TA = 55 OC
I(AV)
1
A
Peak Forward Surge Current, 8.3 ms Single Half-
Sine-Wave Superimposed on Rated Load
(JEDEC Method)
IFSM
25
A
Maximum Forward Voltage at 1 A DC
VF
1.3
V
Maximum Reverse Current
TA = 25 OC
at Rated DC Blocking Voltage
TA = 100 OC
IR
5
500
µA
Typical Junction Capacitance
1)
CJ
12
pF
Typical Thermal Resistance
2)
RθJA
67
O
C/W
Maximum Reverse Recovery Time
3)
trr
150
250
500
nS
Operating and Storage Temperature Range
TJ, Tstg
- 55 to + 150
O
C
1) Measured at 1 MHz and applied reverse voltage of 4 V DC.
2) Thermal resistance from junction to ambient 0.375" (9.5 mm) lead length P.C.B. mounted with 0.22 X 0.22" (5.5 X 5.5
mm) copper pads.
3) Reverse recovery test conditions: I
F = 0.5 A, IR = 1 A, Irr = 0.25 A


Similar Part No. - 1F2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1F2 PANJIT-1F2 Datasheet
57Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
1F2 RECTRON-1F2 Datasheet
25Kb / 2P
FAST RECOVERY RECTIFIER
logo
Dc Components
1F2 DCCOM-1F2 Datasheet
409Kb / 2P
TECHNICAL SPECIFICATIONS OF MINIATURE FAST RECOVERY RECTIFIER
logo
Formosa MS
1F2 FORMOSA-1F2 Datasheet
33Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
logo
GOOD-ARK Electronics
1F2 GOOD-ARK-1F2 Datasheet
155Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
More results

Similar Description - 1F2

ManufacturerPart #DatasheetDescription
logo
Dc Components
1F1 DCCOM-1F1 Datasheet
409Kb / 2P
TECHNICAL SPECIFICATIONS OF MINIATURE FAST RECOVERY RECTIFIER
logo
Edal Industries, Inc.
BR757 EDAL-BR757 Datasheet
55Kb / 1P
SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BS757 EDAL-BS757 Datasheet
55Kb / 1P
SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BT757 EDAL-BT757 Datasheet
50Kb / 1P
SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BU757 EDAL-BU757 Datasheet
50Kb / 1P
SUB- MINIATURE SILICON HIGH VOLTAGE ULTRA FAST RECOVERY RECTIFIER
HER101 EDAL-HER101 Datasheet
89Kb / 2P
SUB- MINIATURE SILICON ULTRA FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
R005-LFR FRONTIER-R005-LFR Datasheet
125Kb / 2P
1A MINIATURE FAST RECOVERY PLASTIC RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
1F1 KOOCHIN-1F1 Datasheet
330Kb / 2P
MINIATURE FAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
1FX HORNBY-1FX Datasheet
228Kb / 3P
MINIATURE FAST RECOVERY RECTIFIER
logo
Vishay Siliconix
MB2S VISHAY-MB2S_V01 Datasheet
106Kb / 5P
Miniature Glass Passivated Fast Recovery Surface-Mount Bridge Rectifier
04-Aug-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com