Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8V2HSC Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # 8V2HSC
Description  SILICON PLANAR ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

8V2HSC Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  8V2HSC Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 8V2HSC Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 8V2HSC Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 8V2HSC Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. 8V2HSC Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 07/05/2006
HS Series
Characteristics at Ta = 25 OC
Zener Voltage
Dynamic Resistance
Reverse Leakage Current (IR at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
Ohm at lZT
lZT (mA)
IR (µA) Max.
VR (V)
15HS
13.48
15.02
15HSA
13.48
14.09
15HSB
13.95
14.56
15HSC
14.42
15.02
5
25
5
0.2
11
16HS
14.87
16.5
16HSA
14.87
15.5
16HSB
15.33
15.96
16HSC
15.79
16.5
5
25
5
0.2
12
18HS
16.34
18.30
18HSA
16.34
17.06
18HSB
16.9
17.67
18HSC
17.51
18.3
5
30
5
0.2
13
20HS
18.14
20.45
20HSA
18.14
18.96
20HSB
18.8
19.68
20HSC
19.52
20.45
5
30
5
0.2
15
22HS
20.23
22.61
22HSA
20.23
21.08
22HSB
20.76
21.65
22HSC
21.22
22.09
22HSD
21.68
22.61
5
30
5
0.2
17
24HS
22.26
24.81
24HSA
22.26
23.12
24HSB
22.75
23.73
24HSC
23.29
24.27
24HSD
23.81
24.81
5
35
5
0.2
19
27HS
24.26
27.64
27HSA
24.26
25.52
27HSB
24.97
26.26
27HSC
25.63
26.95
27HSD
26.29
27.64
5
45
5
0.2
21
30HS
26.99
30.51
30HSA
26.99
28.39
30HSB
27.7
29.13
30HSC
28.36
29.82
30HSD
29.02
30.51
5
55
5
0.2
23
1) Tested with pulse tp = 20 ms
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com