Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R30M Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # R30M
Description  FAST SILICON RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

R30M Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  R30M Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. R30M Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. R30M Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 11/11/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, acompany
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
R30A THRU 30M
FAST SILICON RECTIFIERS
Features
•
Low forward voltage
•
High current capability
•
Low leakage current
•
High surge capability
•
Low cost
Absolute Maximum Ratings and Characteristics
Ratings at 25
oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or
inductive load. For capacitive load, derate current by 20%.
R30A
R30B
R30D
R30G
R30J
R30K
R30M Units
Maximum Recurrent Peak Reverse Voltage*
50
100
200
400
600
800
1000
V
Maximum RMS Voltage*
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage*
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
0.375”, 9.5 mm Lead Length at TA = 60
OC
3
A
Peak Forward Surge Current
8.3ms single half sine-wave
150
A
Maximum Forward Voltage at 3A Peak
1.3
V
Maximum DC Reverse Current, at Rated DC
Blocking Voltage
5
uA
Maximum Full Load Reverse Current ,
Full Cycle Average, 0.375” , (9.5 mm) Lead Length
at TA = 55
OC
50
uA
Typical Junction Capacitance (Note 1)
65
pF
Maximum Reverse Recovery Time (Note 2)
150
150
150
150
250
500
500
ns
Operating and Storage Temperature Range
-65 to +175
OC
Notes:
1. Measured at 1 MHz and applied reverse voltage of 4 VDC.
2. Reverse Recovery Test Conditions: IF = 0.5A, IR = 1A, Irr = 0.25A


Similar Part No. - R30M

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
R30M SEMTECH-R30M Datasheet
148Kb / 3P
FAST SILICON RECTIFIERS
logo
M-System Co.,Ltd.
R30MS4 MSYSTEM-R30MS4 Datasheet
183Kb / 5P
Remote I/O R30 Series POTENTIOMETER INPUT MODULE
R30MS4S MSYSTEM-R30MS4S Datasheet
183Kb / 5P
Remote I/O R30 Series POTENTIOMETER INPUT MODULE
R30MS4S/Q MSYSTEM-R30MS4S/Q Datasheet
183Kb / 5P
Remote I/O R30 Series POTENTIOMETER INPUT MODULE
More results

Similar Description - R30M

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
BY296 SEMTECH-BY296 Datasheet
76Kb / 2P
FAST SILICON RECTIFIERS?
R30A SEMTECH-R30A Datasheet
148Kb / 3P
FAST SILICON RECTIFIERS
logo
Diotec Semiconductor
F1200A DIOTEC-F1200A Datasheet
84Kb / 2P
Fast Silicon Rectifiers
FT2000A DIOTEC-FT2000A Datasheet
64Kb / 2P
Fast Silicon Rectifiers
MR820 DIOTEC-MR820 Datasheet
199Kb / 2P
Fast Silicon Rectifiers
1N4933 DIOTEC-1N4933 Datasheet
160Kb / 2P
Fast Silicon Rectifiers
BY296 DIOTEC-BY296 Datasheet
198Kb / 2P
Fast Silicon Rectifiers
BY396 DIOTEC-BY396 Datasheet
199Kb / 2P
Fast Silicon Rectifiers
BY50050 DIOTEC-BY50050 Datasheet
199Kb / 2P
Fast Silicon Rectifiers
logo
Shenzhen Taychipst Elec...
MR820 TAYCHIPST-MR820 Datasheet
3Mb / 2P
Fast Silicon Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com