Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM9502 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # TM9502
Description  RF AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

TM9502 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  TM9502 Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Intermodulation Performance at 25 ºC
Second Order Harmonic Intercept Point........+37 dBm (Typ.)
Second Order Two Tone Intercept Point.........+32 dBm (Typ.)
Third Order Two Tone Intercept Point.............+24 dBm (Typ.)
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Power
Vdc
+15
+15
m A
23
25 Max.
RF AMPLIFIER
MODEL
TM9502
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
5 - 1500 MHz
5 - 1500 MHz
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
4.0
5.5 Max.
VSWR
In
<1.5:1
2.0:1 Max.
Out
<1.5:1
2.0:1 Max.
Reverse
Isolation (dB)
-13.5
-12.5 Max.
Power @ 1 dB
Comp. (dBm)
+9
+7 Min.
Gain (dB)
10.5
8.5 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +18 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power.................... 0.5 Watt (3
µsec Max.)
08/24/90
Available as:
TM9502, 4 Pin TO-8 (T4)
TN9502, 4 Pin Surface Mount (SM3)
FP9502, 4 Pin Flatpack (FP4)
BX9502, Connectrized Housing (H1)
PN9502, Reduced Size Surface Mount (SM11)
Features
! Medium Gain: 10.5 dB Typical
! Frequency Range: 5 to 1500 MHz
! Operating Temp. -55 ºC to + 85 ºC
! Environmental ScreeningAvailable
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
2.0
1.5
1.0
2.0
1.5
1.0
2
6
5
4
3
11.5
10.5
9.5
+13
+12
+11
+10
+ 9
0
- 5
- 10
- 15
- 20
Start 5 MHz
Stop 1500 MHz
Start 5 MHz
Stop 1500 MHz
Start 5 MHz
Stop 1500 MHz
Start 5 MHz
Stop 1500 MHz
Start 5 MHz
Stop 1500 MHz
Start 5 MHz
Stop 1500 MHz
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Linear S-Parameters
FREQ.
– – – – S11– – – –
–
– – – – S12– –
– – – – S22– –
MHz
Deg
Mag
Deg
Mag
Deg
Mag
Deg
Mag
=========================================================================================================
5
50
100
250
500
750
1000
1250
1500
.17
.14
.14
.15
.16
.17
.18
.24
.30
-142
-178
178
167
155
141
134
123
111
3.39
3.40
3.41
3.40
3.41
3.43
4.43
4.59
3.44
-170
176
170
153
126
100
73
42
12
.16
.17
.17
.17
.17
.18
.18
.20
.21
12
1
- 1
- 3
- 7
- 12
- 15
- 23
- 28
.17
.13
.12
.12
.11
.09
.06
.08
.10
152
168
163
146
120
94
76
92
87


Similar Part No. - TM9502

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM9502 APITECH-TM9502 Datasheet
42Kb / 1P
RF AMPLIFIER MODEL
More results

Similar Description - TM9502

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1005 SPECTRUM-BXMP1005 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
RF AMPLIFIER
BXMP1019 SPECTRUM-BXMP1019 Datasheet
41Kb / 1P
RF AMPLIFIER
BXMP1031 SPECTRUM-BXMP1031 Datasheet
65Kb / 1P
RF AMPLIFIER
BXMP1035 SPECTRUM-BXMP1035 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8020 SPECTRUM-CZ8020 Datasheet
40Kb / 1P
RF AMPLIFIER
CZ8110 SPECTRUM-CZ8110 Datasheet
42Kb / 1P
RF AMPLIFIER
CZ8120 SPECTRUM-CZ8120 Datasheet
43Kb / 1P
RF AMPLIFIER
CZ8203 SPECTRUM-CZ8203 Datasheet
62Kb / 1P
RF AMPLIFIER
CZ8310 SPECTRUM-CZ8310 Datasheet
46Kb / 1P
RF AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com