Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3ZB13 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # MM3ZB13
Description  SILICON PLANAR ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MM3ZB13 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  MM3ZB13 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MM3ZB13 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. MM3ZB13 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 31/10/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
MM3Z2B4~MM3ZB75
Zener Voltage Range
1)
Dynamic Impedance
Reverse Leakage Current
lZT
for
VZT
ZZT (Max.)
at IZ
IR (Max.)
at VR
Type
Marking
Code
Vznom
V
mA
V
Ω
mA
μA
V
MM3Z2B4
DN
2.4
5
2.352…2.448
100
5
120
1
MM3Z2B7
DP
2.7
5
2.646…2.754
110
5
120
1
MM3Z3B0
DR
3.0
5
2.94…3.06
120
5
50
1
MM3Z3B3
DX
3.3
5
3.234…3.366
130
5
20
1
MM3Z3B6
DY
3.6
5
3.528…3.672
130
5
10
1
MM3Z3B9
DZ
3.9
5
3.822…3.978
130
5
5
1
MM3Z4B3
Z0
4.3
5
4.214…4.386
130
5
5
1
MM3Z4B7
EB
4.7
5
4.606…4.794
130
5
2
1
MM3Z5B1
EC
5.1
5
4.998…5.202
130
5
2
1.5
MM3Z5B6
ED
5.6
5
5.488…5.712
80
5
1
2.5
MM3Z6B2
EE
6.2
5
6.076…6.324
50
5
1
3
MM3Z6B8
EF
6.8
5
6.664…6.936
30
5
0.5
3.5
MM3Z7B5
EH
7.5
5
7.35…7.65
30
5
0.5
4
MM3Z8B2
EJ
8.2
5
8.036…8.364
30
5
0.5
5
MM3Z9B1
EK
9.1
5
8.918…9.282
30
5
0.5
6
MM3ZB10
EM
10
5
9.8…10.2
30
5
0.1
7
MM3ZB11
EN
11
5
10.78…11.22
30
5
0.1
8
MM3ZB12
EP
12
5
11.76…12.24
35
5
0.1
9
MM3ZB13
ER
13
5
12.74…13.26
35
5
0.1
10
MM3ZB15
EX
15
5
14.7…15.3
40
5
0.1
11
MM3ZB16
EY
16
5
15.68…16.32
40
5
0.1
12
MM3ZB18
EZ
18
5
17.64…18.36
45
5
0.1
13
MM3ZB20
FA
20
5
19.6…20.4
50
5
0.1
15
MM3ZB22
FB
22
5
21.56…22.44
55
5
0.1
17
MM3ZB24
FC
24
5
23.52…24.48
60
5
0.1
19
MM3ZB27
FD
27
5
26.46…27.54
70
2
0.1
21
MM3ZB30
FE
30
5
29.4…30.6
80
2
0.1
23
MM3ZB33
FF
33
5
32.34…33.66
80
2
0.1
25
MM3ZB36
FH
36
5
35.28…36.72
90
2
0.1
27
MM3ZB39
FJ
39
2.5
38.22…39.78
100
2
2
30
MM3ZB43
XJ
43
2.5
42.14…43.86
130
2
2
33
MM3ZB47
XK
47
2.5
46.06…47.94
150
2
2
36
MM3ZB51
XM
51
2.5
49.98…52.02
180
2
1
39
MM3ZB56
XN
56
2.5
54.88…57.12
180
2
1
43
MM3ZB62
XP
62
2.5
60.76…63.24
200
2
0.2
47
MM3ZB68
XR
68
2.5
66.64…69.36
250
2
0.2
52
MM3ZB75
XX
75
2.5
73.5…76.5
300
2
0.2
57
1) V
Z is tested with pulses (20 ms).
Ambient Temperature: Ta ( C)
O
0
25
100
150
0
100
200
300
Derating Curve



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com