Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC32ADBLE Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC32ADBLE
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC32ADBLE Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC32ADBLE Datasheet HTML 1Page - Texas Instruments SN74LVC32ADBLE Datasheet HTML 2Page - Texas Instruments SN74LVC32ADBLE Datasheet HTML 3Page - Texas Instruments SN74LVC32ADBLE Datasheet HTML 4Page - Texas Instruments SN74LVC32ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC32ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC32ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC32ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC32ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Recommended Operating Conditions
(1)
SN54LVC32A, SN74LVC32A
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SCAS286P – JANUARY 1993 – REVISED APRIL 2005
SN54LVC32A
–55 TO 125°C
UNIT
MIN
MAX
Operating
2
3.6
VCC
Supply voltage
V
Data retention only
1.5
VIH
High-level input voltage
VCC = 2.7 V to 3.6 V
2
V
VIL
Low-level input voltage
VCC = 2.7 V to 3.6 V
0.8
V
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 2.7 V
–12
IOH
High-level output current
mA
VCC = 3 V
–24
VCC = 2.7 V
12
IOL
Low-level output current
mA
VCC = 3 V
24
∆t/∆v
Input transition rise or fall rate
7
ns/V
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
SN74LVC32A
TA = 25°C
–40 TO 85°C
–40 TO 125°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Operating
1.65
3.6
1.65
3.6
1.65
3.6
VCC
Supply voltage
V
Data retention only
1.5
1.5
1.5
VCC = 1.65 V to 1.95 V
0.65 × VCC
0.65 × VCC
0.65 × VCC
High-level input
VIH
VCC = 2.3 V to 2.7 V
1.7
1.7
1.7
V
voltage
VCC = 2.7 V to 3.6 V
2
2
2
VCC = 1.65 V to 1.95 V
0.35 × VCC
0.35 × VCC
0.35 × VCC
Low-level input
VIL
VCC = 2.3 V to 2.7 V
0.7
0.7
0.7
V
voltage
VCC = 2.7 V to 3.6 V
0.8
0.8
0.8
VI
Input voltage
0
5.5
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
0
VCC
V
VCC = 1.65 V
–4
–4
–4
VCC = 2.3 V
–8
–8
–8
High-level output
IOH
mA
current
VCC = 2.7 V
–12
–12
–12
VCC = 3 V
–24
–24
–24
VCC = 1.65 V
4
4
4
VCC = 2.3 V
8
8
8
Low-level output
IOL
mA
current
VCC = 2.7 V
12
12
12
VCC = 3 V
24
24
24
∆t/∆v
Input transition rise or fall rate
7
7
7
ns/V
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com