Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC86ADE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC86ADE4
Description  QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC86ADE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC86ADE4 Datasheet HTML 1Page - Texas Instruments SN74LVC86ADE4 Datasheet HTML 2Page - Texas Instruments SN74LVC86ADE4 Datasheet HTML 3Page - Texas Instruments SN74LVC86ADE4 Datasheet HTML 4Page - Texas Instruments SN74LVC86ADE4 Datasheet HTML 5Page - Texas Instruments SN74LVC86ADE4 Datasheet HTML 6Page - Texas Instruments SN74LVC86ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC86ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC86ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
SN54LVC86A . . . J OR W PACKAGE
SN74LVC86A . . . D, DB, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
3
2 1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN54LVC86A . . . FK PACKAGE
(TOP VIEW)
NC - No internal connection
SN74LVC86A . . . RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
4B
4A
4Y
3B
3A
1B
1Y
2A
2B
2Y
DESCRIPTION/ORDERING INFORMATION
SN54LVC86A, SN74LVC86A
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SCAS288P – JANUARY 1993 – REVISED APRIL 2005
•
Typical VOHV (Output VOH Undershoot)
>2 V at VCC = 3.3 V, TA = 25°C
•
Operate From 1.65 V to 3.6 V
•
Latch-Up Performance Exceeds 250 mA Per
•
Specified From –40
°C to 85°C,
JESD 17
–40
°C to 125°C, and –55°C to 125°C
•
ESD Protection Exceeds JESD 22
•
Inputs Accept Voltages to 5.5 V
– 2000-V Human-Body Model (A114-A)
•
Max tpd of 4.6 ns at 3.3 V
– 200-V Machine Model (A115-A)
•
Typical VOLP (Output Ground Bounce)
<0.8 V at VCC = 3.3 V, TA = 25°C
– 1000-V Charged-Device Model (C101)
The SN54LVC86A quadruple 2-input exclusive-OR gate is designed for 2.7-V to 3.6-V VCC operation, and the
SN74LVC86A quadruple 2-input exclusive-OR gate is designed for 1.65-V to 3.6-V VCC operation.
The 'LVC86A devices perform the Boolean function Y = A
⊕ B or Y = AB + AB in positive logic.
ORDERING INFORMATION
ORDERABLE
TOP-SIDE
TA
PACKAGE(1)
PART NUMBER
MARKING
–40
°C to 85°C
QFN – RGY
Reel of 1000
SN74LVC86ARGYR
LC86A
Tube of 50
SN74LVC86AD
SOIC – D
Reel of 2500
SN74LVC86ADR
LVC86A
Reel of 250
SN74LVC86ADT
SOP – NS
Reel of 2000
SN74LVC86ANSR
LVC86A
–40
°C to 125°C
SSOP – DB
Reel of 2000
SN74LVC86ADBR
LC86A
Tube of 90
SN74LVC86APW
TSSOP – PW
Reel of 2000
SN74LVC86APWR
LC86A
Reel of 250
SN74LVC86APWT
CDIP – J
Tube of 25
SNJ54LVC86AJ
SNJ54LVC86AJ
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54LVC86AW
SNJ54LVC86AW
LCCC – FK
Tube of 55
SNJ54LVC86AFK
SNJ54LVC86AFK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74LVC86ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC86AD TI1-SN74LVC86AD Datasheet
2Mb / 36P
SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
MAY 2024
SN74LVC86AD TI2-SN74LVC86AD Datasheet
3Mb / 41P
SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
REVISED AUGUST 2024
SN74LVC86AD.B TI2-SN74LVC86AD.B Datasheet
3Mb / 41P
SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
REVISED AUGUST 2024
SN74LVC86ADBR TI1-SN74LVC86ADBR Datasheet
2Mb / 36P
SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
MAY 2024
SN74LVC86ADBR TI2-SN74LVC86ADBR Datasheet
3Mb / 41P
SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
REVISED AUGUST 2024
More results

Similar Description - SN74LVC86ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5486 TI-SN5486 Datasheet
647Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54ACT86 TI-SN54ACT86 Datasheet
514Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54ALS86 TI-SN54ALS86 Datasheet
95Kb / 6P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
SN54HC86 TI-SN54HC86 Datasheet
497Kb / 14P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Hitachi Semiconductor
HD74LS86 HITACHI-HD74LS86 Datasheet
43Kb / 5P
Quadruple 2-input Exclusive-OR Gates
logo
List of Unclassifed Man...
GD54LS86 ETC1-GD54LS86 Datasheet
56Kb / 2P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Texas Instruments
SN54AHC86 TI-SN54AHC86_08 Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Renesas Technology Corp
HD74LS86 RENESAS-HD74LS86 Datasheet
59Kb / 5P
Quadruple 2-input Exclusive-OR Gates
logo
Diodes Incorporated
74AHCT86 DIODES-74AHCT86 Datasheet
277Kb / 8P
QUADRUPLE 2-INPUT EXCLUSIVE OR GATES
Rev 2
logo
Texas Instruments
8404601DA TI1-8404601DA Datasheet
1Mb / 20P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com