Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS83 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 1SS83
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1SS83 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1SS83 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dated : 20/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
1SS83
SILICON EPITAXIAL PLANAR DIODE
High Voltage Switching Diode
Features
• High reverse voltage (VR = 250 V)
• High reliability with glass seal
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Reverse Voltage
VRM
300
V
Reverse Voltage
VR
250
V
Average Forward Current
IO
200
mA
Peak Forward Current
IFM
625
mA
Non-Repetitive Peak Forward Surge Current (at t = 1 s)
IFSM
1
A
Power Dissipation
Ptot
400
mW
Junction Temperature
TJ
175
O
C
Storage Temperature Range
Tstg
- 65 to + 175
O
C
Electrical Characteristics at Ta = 25 OC
Parameter
Symbol
Typ.
Max.
Unit
Forward Voltage
at IF = 100 mA
VF
-
1
V
Reverse Current
at VR = 250 V
at VR = 300 V
IR
-
-
0.2
100
µA
Total Capacitance
at VR = 0 V, f = 1 MHz
CT
1.5
-
pF
Reverse Recovery Time
at IF = IR = 30 mA, Irr = 3 mA, RL = 100 Ω
trr
-
100
ns
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
ST
"ST" Brand
Dimensions in mm
Black
Black
Black


Similar Part No. - 1SS83

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS83 HITACHI-1SS83 Datasheet
27Kb / 6P
Silicon Epitaxial Planar Diode for High Voltage Switching
logo
Renesas Technology Corp
1SS83 RENESAS-1SS83 Datasheet
140Kb / 5P
Silicon Epitaxial Planar Diode for High Voltage Switching
logo
SEMTECH ELECTRONICS LTD...
1SS83 SEMTECH_ELEC-1SS83 Datasheet
351Kb / 1P
SILICON EPITAXIAL PLANAR DIODE
logo
Goodwork Semiconductor ...
1SS83 GWSEMI-1SS83 Datasheet
193Kb / 2P
High reverse voltage
logo
SEMTECH ELECTRONICS LTD...
1SS83 SEMTECH_ELEC-1SS83_11 Datasheet
351Kb / 1P
SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - 1SS83

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com