Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2SC2058 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC2058
Description  High-frequency Amplifier Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC2058 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST2SC2058 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC2058 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 17/05/2003
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SC2058
High-frequency Amplifier Transistor
Features
1) Low collector capacitance (Cob:Typ. 1.3pF)
2) Low rbb, high gain and excellent noise characteristics.
TO-92 Plastic Package
Weight approx. 0.19g
Absolute Maximum Ratings (Ta = 25
oC)
Symbol
Value
Unit
Collector Base Voltage
VCBO
40
V
Collector Emitter Voltage
VCEO
25
V
Emitter Base Voltage
VEBO
5
V
Collector Current
IC
50
mA
Power Dissipation
Ptot
300
mW
Junction Temperature
Tj
150
OC
Storage Temperature Range
TS
-55 to +150
OC


Similar Part No. - ST2SC2058

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST2SC2001 SEMTECH_ELEC-ST2SC2001 Datasheet
128Kb / 2P
NPN Silicon Epitaxial Planar Transistor
ST2SC2002 SEMTECH_ELEC-ST2SC2002 Datasheet
120Kb / 2P
NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - ST2SC2058

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC3838 UTC-2SC3838 Datasheet
88Kb / 2P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Guangdong Kexin Industr...
2SC3838K KEXIN-2SC3838K Datasheet
38Kb / 1P
High-Frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_11 Datasheet
134Kb / 2P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC3356WT1G LRC-L2SC3356WT1G Datasheet
151Kb / 4P
High-Frequency Amplifier Transistor
L2SC4083PWT1G LRC-L2SC4083PWT1G_11 Datasheet
150Kb / 2P
High-Frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G Datasheet
153Kb / 2P
High-Frequency Amplifier Transistor
L2SC3356WT1G LRC-L2SC3356WT1G_15 Datasheet
173Kb / 4P
High frequency Amplifier Transistor
L2SC4083QWT1G LRC-L2SC4083QWT1G_15 Datasheet
186Kb / 2P
High-Frequency Amplifier Transistor
logo
Unisonic Technologies
2SC3838 UTC-2SC3838_15 Datasheet
154Kb / 3P
HIGH-FREQUENCY AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC3837DW1T1 LRC-L2SC3837DW1T1 Datasheet
53Kb / 2P
High-Frequency Amplifier Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com