Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2SC2412 Datasheet(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC2412
Description  NPN Silicon Epitaxial Planar Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC2412 Datasheet(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  ST2SC2412 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC2412 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC2412 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC2412 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dated : 07/06/2003
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
Fig.10 Collector output capacitance vs.
collector-base voltage
Emitter input capacitance vs.
emitter-base voltage
I E=0A
I C=0A
2
Collector to base voltage:VCB(V)
Emitter to base voltage :VEB(V)
0.2
0.5
1
2
1
5
10
50
20
Cob
5
10
Cib
20
f=1MHz
Ta=25 C
o
VCB=6V
Emitter Current I E (mA)
-0.5
-0.2
10
-10
-5
-2
-1
20
50
100
Fig.11 Base-collector time constant
vs. emitter current
200
Ta=25 C
o
f=32MHz
ST 2SC2412



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com