Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8167 Datasheet(PDF) 2 Page - Sonardyne sound in depth

Part # 8167
Description  Wideband Nano Responder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONARDYNE [Sonardyne sound in depth]
Direct Link  http://www.sonardyne.com
Logo SONARDYNE - Sonardyne sound in depth

8167 Datasheet(HTML) 2 Page - Sonardyne sound in depth

  8167 Datasheet HTML 1Page - Sonardyne sound in depth 8167 Datasheet HTML 2Page - Sonardyne sound in depth  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sonardyne UK (Head Office)
T. +44 (0) 1252 872288
F. +44 (0) 1252 876100
E. sales@sonardyne.com
www.sonardyne.com
Specifications subject to change without notice – 04/2009
Specifications
Wideband Nano Responder
161mm (6.3")
Feature
Type 8167
Depth Rating
500 Metres
Frequency Band
Upper MF (31.5 – 33.5 kHz)
Transducer Beam Shape
Omni-Directional ±130º
Source Level (re 1 µPa @ 1m)
180 dB
Trigger
Rising Edge, 5-24V, 3-10ms
Depth Sensor
±0.5% Full Scale
Communication Interface
RS232 (9,600 baud)
External Supply Voltage
22-28 Volts DC
Power
Quiescent
Peak (During Transmission)
<0.5W
<40W
Dimensions (Dia x Length)
50mm x 165mm
Weight
in Air
in Water
522g
187g



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com