Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA159 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # BA159
Description  FAST SILICON RECTIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BA159 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  BA159 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BA159 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BA159 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BA159 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dated : 20/06/2003
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BA157 THRU BA159
FAST SILICON RECTIFIERS
Characteristics at Tj=25
oC
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
at IF=1A, Tj=25
oC
VF
-
-
1.3
V
Leakage Current
at VRRM, Tamb=25
oC
IR
-
-
5
μA
Capacitance
at f=1MHz ,VR=4V
VR=4V
VR=4V
BA157
BA158
BA159
Ctot
Ctot
Ctot
-
-
-
15
15
15
-
-
-
pF
pF
pF
Reverse Recovery Time
IF=10mA, IR=10mA
IRR=1mA
BA157
BA158
BA159
trr
trr
trr
-
-
-
-
-
-
300
300
500
ns
ns
ns
Reverse Recovery Time
IF=0.5A, IR=1A
IRR=0.25A
BA157
BA158
BA159
trr
trr
trr
-
-
-
-
-
-
150
150
250
ns
ns
ns
Thermal Resistance Junction to Ambient Air
RthA
-
-
25
1)
K/W
1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com