Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN55ALS161J Datasheet(PDF) 13 Page - Texas Instruments

Part # SN55ALS161J
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55ALS161J Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN55ALS161J Datasheet HTML 8Page - Texas Instruments SN55ALS161J Datasheet HTML 9Page - Texas Instruments SN55ALS161J Datasheet HTML 10Page - Texas Instruments SN55ALS161J Datasheet HTML 11Page - Texas Instruments SN55ALS161J Datasheet HTML 12Page - Texas Instruments SN55ALS161J Datasheet HTML 13Page - Texas Instruments SN55ALS161J Datasheet HTML 14Page - Texas Instruments SN55ALS161J Datasheet HTML 15Page - Texas Instruments SN55ALS161J Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SN55ALS161, SN75ALS161
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SLLS019E – JUNE 1986 – REVISED NOVEMBER 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tPZL
0.7 V
1 V
≈4 V
0 V
VOH
0 V
3 V
90%
1.5 V
1.5 V
1.5 V
4.3 V
Test Point
From (Terminal)
Output Under
Test
S1
LOAD CIRCUIT
VOLTAGE WAVEFORMS
VOL
tPZH
tPLZ
tPHZ
[7 V]
240
Ω
[500
Ω]
CL = 15 pF
= [50 pF]
(see Note A)
3 k
Ω
[500
Ω]
Control
Input
(see Note B)
Terminal
Output
S1 Open
Terminal
Output
S1 Closed
[ ] denotes the SN55ALS161 military test conditions.
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: PRR
≤ 1 MHz, 50% duty cycle, tr ≤ 6 ns, tf ≤ 6 ns,
ZO = 50 Ω.
Figure 4. Terminal Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com