Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR105 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # FR105
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

FR105 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  FR105 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. FR105 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 14/07/2008
H
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
FR101 THRU FR107
FAST RECOVERY RECTIFIERS
Reverse Voltage - 50 to 1000 V
Forward Current - 1 A
Features
• High current capability
• High reliability
• Low leakage
Mechanical Data
• Case: Molded plastic, DO-41
• Epoxy: UL 94V-0 rate flame retardant
• Lead: Axial leads, solderable per MIL-STD-202,
Method 208 guaranteed
• Polarity: Color band denotes cathode end
• Mounting Position: Any
Maximum Ratings and Electrical Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half-wave, 60 Hz, resistive or
inductive load, for capacitive load, derate current by 20%.
Parameter
Symbols FR101 FR102 FR103 FR104 FR105 FR106 FR107 Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current 0.375"
(9.5 mm) Lead Length at TA = 55 OC
IF(AV)
1
A
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Superimposed on Rated Load (JEDEC
Method)
IFSM
30
A
Maximum Forward Voltage at 1 A
VF
1.3
V
Maximum Reverse Current
TA = 25
OC
at Rated DC Blocking Voltage
TA = 100
OC
IR
5
500
µA
Typical Junction Capacitance
1)
CJ
15
pF
Typical Thermal Resistance
2)
RθJA
50
O
C/W
Maximum Reverse Recovery Time
3)
trr
150
250
500
nS
Operating and Storage temperature range
Tj, Tstg
- 55 to + 150
O
C
1) Measured at 1 MHz and applied reverse voltage of 4 V D.C.
2) Thermal resistance from junction to ambient 0.375"(9.5 mm) lead length P.C.B mounted.
3) Reverse recovery test conditions: I
F = 0.5 A, IR = 1 A, Irr = 0.25 A.


Similar Part No. - FR105

ManufacturerPart #DatasheetDescription
logo
Surge Components
FR105 SURGE-FR105 Datasheet
119Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
logo
Wing Shing Computer Com...
FR105 WINGS-FR105 Datasheet
297Kb / 2P
FAST RECOVERY RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Won-Top Electronics
FR105 WTE-FR105 Datasheet
46Kb / 3P
1.0A FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
FR105 ZOWIE-FR105 Datasheet
49Kb / 2P
FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR105 RECTRON-FR105 Datasheet
25Kb / 2P
FAST RECOVERY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
More results

Similar Description - FR105

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com