Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4V3HC Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 4V3HC
Description  SILICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

4V3HC Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  4V3HC Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 4V3HC Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 4V3HC Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 4V3HC Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dated : 22/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
HC Series
SILICON PLANAR ZENER DIODES
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
500
1)
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
TS
- 65 to + 175
O
C
1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RthA
0.3
1)
K/mW
1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
ST
"ST" Brand
Dimensions in mm
Black
Black
Black


Similar Part No. - 4V3HC

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
4V3HS SEMTECH_ELEC-4V3HS Datasheet
273Kb / 5P
SILICON PLANAR ZENER DIODES
4V3HSA SEMTECH_ELEC-4V3HSA Datasheet
273Kb / 5P
SILICON PLANAR ZENER DIODES
4V3HSB SEMTECH_ELEC-4V3HSB Datasheet
273Kb / 5P
SILICON PLANAR ZENER DIODES
4V3HSC SEMTECH_ELEC-4V3HSC Datasheet
273Kb / 5P
SILICON PLANAR ZENER DIODES
More results

Similar Description - 4V3HC

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com