Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMA205B Datasheet(PDF) 2 Page - Excelics Semiconductor, Inc.

Part # EMA205B
Description  9-16 GHz Medium Power MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMA205B Datasheet(HTML) 2 Page - Excelics Semiconductor, Inc.

  EMA205B Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMA205B Datasheet HTML 2Page - Excelics Semiconductor, Inc. EMA205B Datasheet HTML 3Page - Excelics Semiconductor, Inc. EMA205B Datasheet HTML 4Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EMA205B
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 2 of 4
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised May 2004
ABSOLUTE MAXIMUM RATINGS FOR CONTINUOUS OPERATION
1,2
SYMBOL
CHARACTERISTIC
VALUE
VDS
Drain to Source Voltage
8 V
VGS
Gate to Source Voltage
-3 V
IDS
Drain Current
225 mA
IGSF
Forward Gate Current
9 mA
PIN
Input Power
@ 3dB compression
PT
Total Power Dissipation
900 mW
TCH
Channel Temperature
150°C
TSTG
Storage Temperature
-65/+150°C
Notes:
1.
Operating the device beyond any of the above ratings may result in permanent damage or reduction of MTTF.
2.
Bias conditions must also satisfy the following equation PT < (TCH –TPKG)/RTH; where TPKG = temperature of package, and
PT = (VDS * IDS) – (POUT – PIN).
S-PARAMETERS ( On wafer Sij measurements ) 5V, 1/2 Idss
FREQ
--- S11 ---
--- S21 ---
--- S12 ---
--- S22 ---
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1
0.365
-129.2
0.276
82.1
0.0038
-28.6
0.620
-112.2
2
0.471
-172.2
0.441
47.4
0.0011
-88.5
0.844
-167.7
3
0.450
172.4
0.416
3.6
0.0008
-125.9
0.810
158.0
4
0.422
162.0
0.389
16.1
0.0006
-139.8
0.732
130.9
5
0.389
154.2
0.826
35.4
0.0007
-175.1
0.614
104.5
6
0.350
148.0
1.825
8.7
0.0011
160.0
0.430
73.8
7
0.312
143.6
3.185
-29.7
0.0020
139.7
0.185
34.2
8
0.276
141.4
4.559
-73.3
0.0030
97.5
0.078
-139.8
9
0.250
138.6
5.385
-117.5
0.0037
58.0
0.245
168.1
10
0.234
136.9
5.626
-159.0
0.0045
18.1
0.300
137.5
11
0.226
139.7
5.497
166.2
0.0052
-10.6
0.275
115.0
12
0.221
141.9
5.350
136.0
0.0052
-34.2
0.214
99.9
13
0.222
140.6
5.326
107.4
0.0060
-54.4
0.149
95.2
14
0.220
135.3
5.360
79.5
0.0067
-76.5
0.092
109.1
15
0.235
131.2
5.594
50.3
0.0077
-103.0
0.088
149.1
16
0.271
127.6
6.062
18.7
0.0101
-130.2
0.132
172.4
17
0.385
119.2
6.709
-17.2
0.0122
-160.7
0.205
176.3
18
0.511
89.3
6.771
-59.4
0.0122
160.1
0.314
172.1
19
0.577
53.6
5.973
-105.7
0.0111
115.1
0.457
159.6
20
0.577
21.6
4.309
-151.4
0.0072
74.4
0.608
141.4
21
0.564
-2.5
2.567
171.8
0.0022
33.0
0.711
119.8
22
0.589
-23.7
1.423
155.1
0.0004
127.1
0.733
98.4
23
0.606
-42.8
1.095
146.8
0.0018
108.7
0.686
81.3
24
0.623
-58.4
0.917
130.5
0.0021
87.5
0.628
69.0
25
0.6426
-70.4
0.754
112.2
0.0023
72.2
0.585
59.3
26
0.664
-79.7
0.607
94.3
0.0027
75.1
0.555
50.8
27
0.694
-88.2
0.487
76.6
0.0031
76.8
0.531
42.8
28
0.732
-98.1
0.399
58.6
0.0026
68.9
0.511
34.9
29
0.761
-106.2
0.330
41.6
0.0015
58.9
0.496
27.0
30
0.791
-114.1
0.271
24.2
0.0014
23.6
0.480
19.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com