Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCV47 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # BCV47
Description  NPN Darlington Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BCV47 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BCV47 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BCV47 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 18/08/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BCV27 / BCV47
NPN Darlington Transistors
for preamplifier input applications
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
BCV27
BCV47
VCBO
40
80
V
Collector Emitter Voltage
BCV27
BCV47
VCEO
30
60
V
Emitter Base Voltage
VEBO
10
V
Collector Current
IC
500
mA
Peak Collector Current
ICM
800
mA
Base Current
IB
100
mA
Total Power Dissipation
Ptot
200
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 5 V, IC = 1 mA
at VCE = 5 V, IC = 10 mA
at VCE = 5 V, IC = 100 mA
BCV27
BCV47
BCV27
BCV47
BCV27
BCV47
hFE
hFE
hFE
hFE
hFE
hFE
4000
2000
10000
4000
20000
10000
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Collector Cutoff Current
at VCB = 30 V
at VCB = 60 V
BCV27
BCV47
ICBO
-
-
-
-
100
100
nA
Emitter Cutoff Current
at VEB = 10 V
IEBO
-
-
100
nA
Collector Base Breakdown Voltage
at IC = 100 µA
BCV27
BCV47
V(BR)CBO
40
80
-
-
-
-
V
Collector Emitter Breakdown Voltage
at IC = 10 mA
BCV27
BCV47
V(BR)CEO
30
60
-
-
V
Emitter Base Breakdown Voltage
at IE = 10 µA
V(BR)EBO
10
-
-
V
Collector Emitter Saturation Voltage
at IC = 100 mA, IB = 0.1 mA
VCE(sat)
-
-
1
V
Base Emitter Saturation Voltage
at IC = 100 mA, IB = 0.1 mA
VBE(sat)
-
-
1.5
V
Base Emitter On-state Voltage
at IC = 10 mA, VCE = 5 V
VBE(on)
-
-
1.4
V
Transition Frequency
at VCE = 5 V, IC = 30 mA, f = 100 MHz
fT
-
220
-
MHz
SOT-23 Plastic Package


Similar Part No. - BCV47

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV47 PHILIPS-BCV47 Datasheet
43Kb / 8P
NPN Darlington transistors
1999 Apr 08
logo
Zetex Semiconductors
BCV47 ZETEX-BCV47 Datasheet
49Kb / 1P
NPN SILICON PLANAR DARLINGTON TRANSISTORS
logo
Siemens Semiconductor G...
BCV47 SIEMENS-BCV47 Datasheet
140Kb / 4P
NPN Silicon Darlington Transistors (For general AF applications High collector current)
logo
Central Semiconductor C...
BCV47 CENTRAL-BCV47 Datasheet
100Kb / 2P
NPN SILICON DARLINGTON TRANSISTOR
logo
Infineon Technologies A...
BCV47 INFINEON-BCV47 Datasheet
49Kb / 5P
NPN Silicon Darlington Transistors
Jul-12-2001
More results

Similar Description - BCV47

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPSA26 PHILIPS-MPSA26 Datasheet
43Kb / 8P
NPN Darlington transistors
1999 Apr 27
PMBTA13 PHILIPS-PMBTA13 Datasheet
55Kb / 8P
NPN Darlington transistors
1999 Apr 29
logo
Microsemi Corporation
PTC401P MICROSEMI-PTC401P Datasheet
344Kb / 3P
NPN Darlington Transistors
logo
NXP Semiconductors
BCV29 NXP-BCV29 Datasheet
124Kb / 8P
NPN Darlington transistors
2004 Dec 06
BSP50 NXP-BSP50 Datasheet
126Kb / 7P
NPN Darlington transistors
1999 Apr 23
PMBTA13 NXP-PMBTA13 Datasheet
110Kb / 7P
NPN Darlington transistors
2004 Jan 22
BCV29 PHILIPS-BCV29_15 Datasheet
124Kb / 8P
NPN Darlington transistors
2004 Dec 06
logo
SHIKUES Electronics
BCV47 SKTECHNOLGY-BCV47 Datasheet
916Kb / 2P
NPN Darlington Transistors
logo
Nexperia B.V. All right...
BST50 NEXPERIA-BST50 Datasheet
329Kb / 9P
NPN Darlington transistors
2004 Dec 09
BCV29 NEXPERIA-BCV29_49 Datasheet
123Kb / 8P
NPN Darlington transistors
2004 Dec 06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com