Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65176B Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65176B
Description  DIFFERENTIAL BUS TRANSCEIVERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65176B Datasheet(HTML) 2 Page - Texas Instruments

  SN65176B Datasheet HTML 1Page - Texas Instruments SN65176B Datasheet HTML 2Page - Texas Instruments SN65176B Datasheet HTML 3Page - Texas Instruments SN65176B Datasheet HTML 4Page - Texas Instruments SN65176B Datasheet HTML 5Page - Texas Instruments SN65176B Datasheet HTML 6Page - Texas Instruments SN65176B Datasheet HTML 7Page - Texas Instruments SN65176B Datasheet HTML 8Page - Texas Instruments SN65176B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SN65176B, SN75176B
DIFFERENTIAL BUS TRANSCEIVERS
SLLS101D – JULY 1985 – REVISED APRIL 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
The driver is designed for up to 60 mA of sink or source current. The driver features positive and negative current
limiting and thermal shutdown for protection from line-fault conditions. Thermal shutdown is designed to occur
at a junction temperature of approximately 150
°C. The receiver features a minimum input impedance of 12 kΩ,
an input sensitivity of
±200 mV, and a typical input hysteresis of 50 mV.
The SN65176B and SN75176B can be used in transmission-line applications employing the SN75172 and
SN75174 quadruple differential line drivers and SN75173 and SN75175 quadruple differential line receivers.
Function Tables
DRIVER
INPUT
ENABLE
OUTPUTS
D
DE
A
B
H
H
H
L
L
H
L
H
X
L
Z
Z
RECEIVER
DIFFERENTIAL INPUTS
ENABLE
OUTPUT
A–B
RE
R
VID ≥ 0.2 V
L
H
–0.2 V < VID < 0.2 V
L
?
VID ≤ –0.2 V
L
L
X
H
Z
Open
L
?
H = high level, L = low level, ? = indeterminate,
X = irrelevant, Z = high impedance (off)
logic diagram (positive logic)
DE
RE
R
6
7
3
1
2
B
A
Bus
D
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com