Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV21 Datasheet(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

Part # BAV21
Description  SILICON EPITAXIAL PLANAR DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BAV21 Datasheet(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  BAV21 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BAV21 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BAV21 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BAV21 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dated : 20/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BAV19, BAV20, BAV21
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Reverse Breakdown Voltage
at IR = 100 µA
BAV19
BAV20
BAV21
V(BR)R
120
200
250
-
-
-
V
Reverse Current
at VR = 100V
at VR = 150V
at VR = 200V
at VR = 100 V, TA = 150 OC
at VR = 150 V, TA = 150 OC
at VR = 200 V, TA = 150 OC
BAV19
BAV20
BAV21
BAV19
BAV20
BAV21
IR
-
-
-
-
-
-
100
100
100
100
100
100
nA
nA
nA
µA
µA
µA
Forward Voltage
at IF = 100 mA
at IF = 200 mA
VF
-
-
1
1.25
V
Diode Capacitance
at f = 1 MHz
Cd
-
5
pF
Reverse Recovery Time
at IF = IR = 30 mA, Irr = 3 mA, RL = 100 Ω
trr
-
50
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com