Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCL245 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # MCL245
Description  SILICON EPITAXIAL PLANAR DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MCL245 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  MCL245 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MCL245 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 20/08/2002
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
MCL245
SILICON EPITAXIAL PLANAR DIODE
Features
•
Fast switching diode
•
Fits onto SOD 323 / SOT 23 footprints
•
Micro Melf package
Absolute Maximum Ratings (Ta = 25
oC)
Symbol
Value
Unit
Reverse Voltage
VR
220
V
Peak Reverse Voltage
VRM
250
V
Mean Rectified Current
Half Wave Rectification with Resistance
load at Tamb = 25
oC and f
/50 H
Z
IO
200
mA
Maximum Forward Current
IFM
625
mA
Surge Forward Current at t<1s and Tj = 25
oC
IFSM
1000
mA
Junction Temperature
Tj
175
OC
Storage Temperature Range
TS
-65 to +175
OC
1) Valid provided that electrodes are kept at ambient temperature
LS-31


Similar Part No. - MCL245

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
MCL245 SEMTECH-MCL245 Datasheet
215Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - MCL245

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com