Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMP201 Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EMP201
Description  17.5 - 21.0 GHz Power Ammplifier MMIC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EMP201 Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EMP201 Datasheet HTML 1Page - Excelics Semiconductor, Inc. EMP201 Datasheet HTML 2Page - Excelics Semiconductor, Inc. EMP201 Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EMP201
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
17.5 – 21.0 GHz Power Ammplifier MMIC
Issued Date: 12-18-03
FEATURES
•
17.5 – 21.0 GHz Bandwidth
•
24.5dBm Output Power at 1dB Compression
•
18.0 dB Typical Power Gain
APPLICATIONS
•
Point-to-point and point-to-multipoint radio
•
Military Radar Systems
Dimension: 2250um X 1000um
ELECTRICAL CHARACTERISTICS (Ta = 25 °C)
SYMBOL
PARAMETER/TEST CONDITIONS
MIN
TYP
MAX
UNITS
F
Operating Frequency Range
17.5
21.0
GHz
P1dB
Output Power at 1dB Compression
VDS = 8 V, IDSQ ≈ 1/2 IDSS
23.5
24.5
dBm
Gss
Small Signal Gain
16
18
dB
IP3
Third Order Interception Point
31
dBm
Input RL
Input Return Loss
8
10
dB
Output RL
Output Return Loss
6
8
dB
Idd
Power Supply Current
150
210
mA
Vdd
Power Supply Voltage
7
8
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
50
oC/W
ABSOLUTE MAXIMUM RATINGS FOR CONTINUOUS OPERATION
1,2
SYMBOL
CHARACTERISTIC
VALUE
VDS
Drain to Source Voltage
8 V
VGS
Gate to Source Voltage
-3 V
IDD
Drain Current
300mA
IGSF
Forward Gate Current
8mA
PIN
Input Power
@ 3dB compression
TCH
Channel Temperature
150°C
TSTG
Storage Temperature
-65/150°C
PT
Total Power Dissipation
3.4W
1. Operating the device beyond any of the above rating may result in permanent damage.
2. Bias conditions must also satisfy the following equation VDS*IDS < (TCH –THS)/RTH;
where THS = ambient temperature


Similar Part No. - EMP201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMP202 ETC2-EMP202 Datasheet
236Kb / 28P
Single-Chip Dual-Channel AC??7 Audio Codec for PC Audio Systems
logo
Excelics Semiconductor,...
EMP207 EXCELICS-EMP207 Datasheet
164Kb / 3P
17.0 - 20.0 GHz Power Amplifier MMIC
EMP207-P1 EXCELICS-EMP207-P1 Datasheet
94Kb / 2P
17 - 20 GHz Power Amplifier MMIC
EMP207-Q5 EXCELICS-EMP207-Q5 Datasheet
124Kb / 3P
17.0 - 20.0 GHz Surface-Mounted PA
EMP208 EXCELICS-EMP208 Datasheet
138Kb / 3P
17.5 - 20.0 GHz Power Amplifier MMIC
More results

Similar Description - EMP201

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP208 EXCELICS-EMP208 Datasheet
138Kb / 3P
17.5 - 20.0 GHz Power Amplifier MMIC
EMP208-P1 EXCELICS-EMP208-P1 Datasheet
94Kb / 2P
17.5 - 20.0 GHz Power Amplifier MMIC
EMP310 EXCELICS-EMP310 Datasheet
140Kb / 3P
21.0 - 24.0 GHz Power Amplifier MMIC
EMP310-P1 EXCELICS-EMP310-P1 Datasheet
87Kb / 1P
21.0 - 24.0 GHz Power Amplifier MMIC
EMP311 EXCELICS-EMP311 Datasheet
148Kb / 2P
21.0 - 24.0 GHz Power Amplifier MMIC
EMP311-P1 EXCELICS-EMP311-P1 Datasheet
87Kb / 1P
21.0 - 24.0 GHz Power Amplifier MMIC
EMP312 EXCELICS-EMP312 Datasheet
188Kb / 2P
21.0 - 24.0 GHz Power Amplifier MMIC
EMP312-P1 EXCELICS-EMP312-P1 Datasheet
87Kb / 1P
21.0 - 24.0 GHz Power Amplifier MMIC
RFMA1720-0.5W EXCELICS-RFMA1720-0.5W Datasheet
94Kb / 2P
17.5 - 20.0 GHz Power Amplifier MMIC
logo
Mimix Broadband
XB1008-QT MIMIX-XB1008-QT_10 Datasheet
697Kb / 6P
10.0-21.0 GHz GaAs MMIC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com