Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LED15-48S3P3 Datasheet(PDF) 2 Page - Power Mate Technology Co., LTD

Part # LED15-48S3P3
Description  15 WATTS MAXIMUM OUTPUT POWER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

LED15-48S3P3 Datasheet(HTML) 2 Page - Power Mate Technology Co., LTD

  LED15-48S3P3 Datasheet HTML 1Page - Power Mate Technology Co., LTD LED15-48S3P3 Datasheet HTML 2Page - Power Mate Technology Co., LTD LED15-48S3P3 Datasheet HTML 3Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3 Issued Date:2008/05/21
Output Current
Input Current
Model
Number
Input
Range
Output
Voltage
Min. load Full Load
Output
(4)
Ripple & Noise No load
(3) Full load (2)
Eff
(4)
(%)
Capacitor
(5)
Load max
LED15-24S3P3 18 - 36 VDC
3.3 VDC
0mA
3500mA
75mVp-p
20mA
587mA
86
1000μF
LED15-24S05
18 - 36 VDC
5 VDC
0mA
3000mA
75mVp-p
20mA
753mA
87
1000μF
LED15-24S12
18 - 36 VDC
12 VDC
0mA
1250mA
100mVp-p
15mA
753mA
87
330μF
LED15-24S15
18 - 36 VDC
15 VDC
0mA
1000mA
100mVp-p
15mA
744mA
88
220μF
LED15-48S3P3 36 - 75 VDC
3.3 VDC
0mA
3500mA
75mVp-p
15mA
297mA
85
1000μF
LED15-48S05
36 - 75 VDC
5 VDC
0mA
3000mA
75mVp-p
15mA
377mA
87
1000μF
LED15-48S12
36 - 75 VDC
12 VDC
0mA
1250mA
100mVp-p
10mA
377mA
87
330μF
LED15-48S15
36 - 75 VDC
15 VDC
0mA
1000mA
100mVp-p
10mA
372mA
88
220μF
PRODUCT STANDARD TABLE
Option
Suffix
Negative remote ON/OFF with DIP(Standard)
Negative remote ON/OFF with SMT
-A
Positive remote ON/OFF with DIP
-B
Positive remote ON/OFF with SMT
-C
DIP type without ON/OFF pin
-D
SMT type without ON/OFF pin
-E
DIP type,negative remote ON/OFF without TRIM pin
-F
SMT type,negative remote ON/OFF without TRIM pin
-G
DIP type without ON/OFF&TRIM pin
-H
SMT type without ON/OFF&TRIM pin
-I
DIP type,positive remote ON/OFF without TRIM pin
-J
SMT type,positive remote ON/OFF without TRIM pin
-K
Note
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment)
2. Maximum value at nominal input voltage and full load.
3. Typical value at nominal input voltage and no load.
4. Typical value at nominal input voltage and full load.
5. Test by minimum Vin and constant resistive load.
6. Trimming allows the user to increase or decrease the output voltage set point of the module. This is accomplished by connecting an external resistor
between the TRIM pin and either the +VOUT pin or the -VOUT pin.
7. The ON/OFF control pin voltage is reference to –Vin. The order number please see product standard table.
8. The power module operate in a variety of thermal environments; however, sufficient cooling should be provided to help ensure reliable operation.
9. The LED15 meets EN55022 class A and class B only with external components connected before the input pin to the converter.
10. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220μF/100V, ESR 48mΩ.
1. All dimensions in Inches (mm)
Tolerance: X.XX±0.02 (X.X±0.5)
X.XXX±0.01 (X.XX±0.25)
2. Pin pitch tolerance ±0.01(0.25)
3. Pin dimension tolerance ±0.004 (0.1)
PIN CONNECTION
PIN
LED15 SERIES
1
+ INPUT
2
- INPUT
3
ON/OFF
4
+VOUT
5
TRIM
6
-VOUT
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using
the method shown below.
6
5
TRIM UP
RU
5
4
TRIM DOWN
RD



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com