Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24PC0035D2CS Datasheet(PDF) 12 Page - Sensortechnics GmbH

Part # 24PC0035D2CS
Description  Pressure sensors with special fittings and sealings
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

24PC0035D2CS Datasheet(HTML) 12 Page - Sensortechnics GmbH

Back Button 24PC0035D2CS Datasheet HTML 4Page - Sensortechnics GmbH 24PC0035D2CS Datasheet HTML 5Page - Sensortechnics GmbH 24PC0035D2CS Datasheet HTML 6Page - Sensortechnics GmbH 24PC0035D2CS Datasheet HTML 7Page - Sensortechnics GmbH 24PC0035D2CS Datasheet HTML 8Page - Sensortechnics GmbH 24PC0035D2CS Datasheet HTML 9Page - Sensortechnics GmbH 24PC0035D2CS Datasheet HTML 10Page - Sensortechnics GmbH 24PC0035D2CS Datasheet HTML 11Page - Sensortechnics GmbH 24PC0035D2CS Datasheet HTML 12Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
24PC/26PC Specials
Pressure sensors with special fittings and sealings
12/12
May 2008 / 593
www.sensortechnics.com
2x
PC
xxxx
x
x
x
x
Sensortechnics reserves the right to make changes to any products herein. Sensortechnics does not assume any liability arising out of the
application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others.
4:
non compensated
6:
compensated
Pressure range
0035:
0 - 0.5 psi (34.5 mbar)
0070:
0 - 1 psi
(69 mbar)
0350:
0 - 5 psi
(345 mbar)
1000:
0 - 15 psi (1034 mbar)
2000:
0 - 30 psi (2068 mbar)
7000:
0 - 100 psi
(6.9 bar)
17K0:
0 - 250 psi
(17.2 bar)
0050:
0 - 50 mbar
0100:
0 - 100 mbar
0250:
0 - 250 mbar
01K0:
0 - 1 bar
02K0:
0 - 2 bar
05K0:
0 - 5 bar
10K0:
0 - 10 bar
16K0:
0 - 16 bar
Pressure mode
D:
differential pressure
G:
gage pressure
P2 sealing material
E:
EPDM
N:
Neoprene
S:
Silicone
Pressure port
B: Barbed
C: Luer
D: Modular
G: Small flow through
H: M5 thread
I: 90° port
J: Needle
K: Reverse 90° port
M: 1/4"-28UNF w/o cable lock
S: Manifold
ORDERING INFORMATION
Pinning
2: dual inline pinning, 2 x 2
(not available for differential devices)
5: wire harness
(available for flow through sensors only)
6: single inline pinning, 1 x 4
Note: Not all combinations are available ex stock. Minimum order quantities might be required.
Please contact your nearest Sensortechnics sales representative for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com