Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26PC0035D2CS Datasheet(PDF) 6 Page - Sensortechnics GmbH

Part # 26PC0035D2CS
Description  Pressure sensors with special fittings and sealings
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

26PC0035D2CS Datasheet(HTML) 6 Page - Sensortechnics GmbH

Back Button 26PC0035D2CS Datasheet HTML 2Page - Sensortechnics GmbH 26PC0035D2CS Datasheet HTML 3Page - Sensortechnics GmbH 26PC0035D2CS Datasheet HTML 4Page - Sensortechnics GmbH 26PC0035D2CS Datasheet HTML 5Page - Sensortechnics GmbH 26PC0035D2CS Datasheet HTML 6Page - Sensortechnics GmbH 26PC0035D2CS Datasheet HTML 7Page - Sensortechnics GmbH 26PC0035D2CS Datasheet HTML 8Page - Sensortechnics GmbH 26PC0035D2CS Datasheet HTML 9Page - Sensortechnics GmbH 26PC0035D2CS Datasheet HTML 10Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
24PC/26PC Specials
Pressure sensors with special fittings and sealings
6/12
May 2008 / 593
www.sensortechnics.com
OUTLINE DRAWINGS
FOR GAGE DEVICES
2xPCxxxxG
6Ix
(90° port, pinning 1 x 4)
mass: 2 g
dimensions in mm
2,29
4x0,5
3x2,54
1,27
4x1,02
Notch
Pin 1
4x0,41
12,7
8,0
7,9
P2
P1
Ø5,1
Ø2,0
P2
2xPCxxxxG
2Ix
(90° port, pinning 2 x 2)
mass: 2 g
dimensions in mm
8,0
Ø5,1
Ø2,0
1
2
3
4
12,7
4 x
1,02
2,54
4x0,5
5,08
Notch
Pin 1
8,4
7,9
4 x
0,41
P2
P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com